Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP302CS Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP302CS
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP302CS Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP302CS Datasheet HTML 2Page - Sipex Corporation SP302CS Datasheet HTML 3Page - Sipex Corporation SP302CS Datasheet HTML 4Page - Sipex Corporation SP302CS Datasheet HTML 5Page - Sipex Corporation SP302CS Datasheet HTML 6Page - Sipex Corporation SP302CS Datasheet HTML 7Page - Sipex Corporation SP302CS Datasheet HTML 8Page - Sipex Corporation SP302CS Datasheet HTML 9Page - Sipex Corporation SP302CS Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
56
isolate an SP301/302 from ground in the power-
off condition. With V
DD turned on, the transistor
switch is on, connecting ground (GND) for the
device to the circuit ground. In a power-off
condition, this transistor is switched off, thus
isolating the unit from circuit ground, and thereby
leaving the driver in a high impedance state.
Multiple SP301/302s can be connected as shown
in Figure 1b.
RS-422 OPERATION
The SP301 and SP302 are fully compliant
RS-422 devices when operating in the RS-422
mode. Baud rate and drive capability have been
balanced to provide as much versatility as pos-
sible. The SP301 and SP302 are both guaran-
teed for a 1Mbps data rate, supplying
±2V
minimum into a 100
Ω load. Short circuit protec-
tion for the RS-422 operating mode is the same
as in the RS-232 mode. The driver outputs can
be shorted to ground for an infinite duration,
with a maximum current of
±100mA.
The RS-422 receivers accept differential signals
at a 1Mbps rate, and translate them to a non-
inverted TTL output. The receivers are speci-
fied with a
±15V differential input voltage,
which means that to operate normally, the dif-
ference betweeen the voltages at the inputs
cannot exceed
±15V. The common mode volt-
age is specified as
±7V. This identifies the
midpoint of the range about which the differen-
tial input must lie so that the receiver can detect
a change of state. Within this
±7V range, the
receivers will recognize a change in state with a
±200mV differential threshold voltage. Since
the RS-232 and RS-422 inputs are shared, all
receiver inputs are protected to
±30V to guard
against inadvertently applying an RS-232 signal
to an input that is configured for RS-422. Figure
2 shows a typical circuit for the SP301/302. In
this case the SP302 is shown configured for one
(1) duplex RS-422 and two (2) duplex RS-232
communication paths.
CONFIGURING THE SP301/302
Figures 3, 5 and 6 show the various combina-
tions of simultaneous RS-232 and RS-422 op-
eration that can be achieved with the SP301.
Similarly, Figures 4, 7 and 8 show the various
combinations for the SP302. Each of these con-
figurations are software selectable by logic level
on the SELECT A and SELECT B control lines.
Configuration can be changed “on-the-fly”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com