Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4T6325 Datasheet(PDF) 5 Page - M-pulse Microwave Inc.

Part # MP4T6325
Description  3 Volt, General Purpose Low Noise High fT Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T6325 Datasheet(HTML) 5 Page - M-pulse Microwave Inc.

  MP4T6325 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3 Volt, General Purpose Low Noise High fT Silicon Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
5
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T6325 Series
Typical Performance Curves
(MP4T632535) Cont.
DC CURRENT GAIN (hFE) vs COLLECTOR
CURRENT at VCE = 3 V
40
50
60
70
80
90
100
0
5
1 0
15
20
25
CO L LE C TO R CURRE NT (m A)
OUTPUT POWER at 1 dB COMPRESSION
POINT vs COLLECTOR CURRENT VCE=3V
0
2
4
6
8
10
12
5
101 5
202 5
30
CO LL EC T O R CURR EN T (m A)
f = 90 0 M H z
f = 2 G H z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com