Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4T6325 Datasheet(PDF) 1 Page - M-pulse Microwave Inc.

Part # MP4T6325
Description  3 Volt, General Purpose Low Noise High fT Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T6325 Datasheet(HTML) 1 Page - M-pulse Microwave Inc.

  MP4T6325 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T6325 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
1
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
3 Volt, General Purpose Low Noise
High fT Silicon Transistor
MP4T6325 Series
Features
• Low Voltage Operation (3 - 5V)
• High fT (11 GHz)
• Low Noise Figure with 1-5 mA Current
• Inexpensive
• Available on Tape and Reel
Description
The MP4T6325 series of low voltage silicon bipolar
transistors provide low noise figure at a bias of 3-5 volts and
collector current of 1 to 5 mA. These inexpensive surface
mount transistors are useful for low noise amplifiers and
VCOs in portable battery operated RF systems from VHF
through 2.5 GHz.
The MP4T6325 series has high fT (11 GHz) and provides
1.5 dB noise figure with 1-5 mA current and 3 volts bias at 1
GHz. These transistors also have low phase noise when used
in 3-5 volt low power battery operated VCOs through 2.5
GHz.
The MP4T6325 series are inexpensive transistors useful for
portable battery operated RF systems that require low current
drain from 3-5 volts DC supplies.
The MP4T6325 family of transistors is available in chip
(MP4T632500),
SOT-23
(MP4T632533),
SOT-143
(MP4T632539) and in Micro-X (MP4T632535) packages.
Surface mount packages are available on tape and reel.
SOT-23
SOT-143
Chip


Similar Part No. - MP4T6325

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
3 Volt, Low Noise High fT Silicon Transistor
MP4T631000 MPLUSE-MP4T631000 Datasheet
184Kb / 8P
3 Volt, Low Noise High fT Silicon Transistor
MP4T631033 MPLUSE-MP4T631033 Datasheet
184Kb / 8P
3 Volt, Low Noise High fT Silicon Transistor
MP4T631035 MPLUSE-MP4T631035 Datasheet
184Kb / 8P
3 Volt, Low Noise High fT Silicon Transistor
MP4T631039 MPLUSE-MP4T631039 Datasheet
184Kb / 8P
3 Volt, Low Noise High fT Silicon Transistor
More results

Similar Description - MP4T6325

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16 NTE-NTE16 Datasheet
20Kb / 2P
Silicon Complementary Transistors Low Noise, General Purpose Amplifier
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
logo
Agilent(Hewlett-Packard...
AT-41511 HP-AT-41511 Datasheet
103Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistor
logo
M-pulse Microwave Inc.
MP4T243 MPLUSE-MP4T243 Datasheet
88Kb / 7P
Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
Silicon Bipolar High fT Low Noise Microwave Transistors
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
3 Volt, Low Noise High fT Silicon Transistor
MP4T6825 MPLUSE-MP4T6825 Datasheet
199Kb / 10P
Low Current 8 Volt, Low Noise High fT Silicon Transistor
logo
RF Micro Devices
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
GENERAL PURPOSE LOW NOISE AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-85563 AVAGO-MGA-85563 Datasheet
206Kb / 13P
3-volt Low Noise Amplifier
logo
AiT Semiconductor Inc.
BFG425W AITSEMI-BFG425W Datasheet
664Kb / 6P
GENERAL PURPOSE TRANSISTOR RF NPN TRANSISTOR MICROWAVE LOW NOISE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com