Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBAV21 Datasheet(PDF) 1 Page - First Components International

Part # FBAV21
Description  500 mW EPITAXIAL PLANAR DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FBAV21 Datasheet(HTML) 1 Page - First Components International

  FBAV21 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Features
n PLANAR PROCESS
n 500 mW POWER DISSIPATION
Mechanical Dimensions
n INDUSTRY STANDARD DO-35
PACKAGE
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
Peak Reverse Voltage...V
RM
RMS Reverse Voltage...V
R(rms)
FBAV19...21 Series
Data Sheet
500 mW EPITAXIAL
PLANAR DIODES
Units
Volts
Volts
............................................. 250 ...............................................
............................................. 500 ...............................................
............................................. 500 ...............................................
......................................... -25 to 85 ..........................................
......................................... -65 to 200 ..........................................
............................................. 1.0 ...............................................
............................................. 0.1 ...............................................
............................................. 5.0 ...............................................
............................................. 5.0 ...............................................
............................................. .35 ...............................................
............................................. 50 ...............................................
mAmps
mAmps
mW
°C
°C
Volts
µAmps
Ω
pF
K / mW
ns
Average Forward Rectified Current...I
O
Non-Repetitive Peak Forward Surge Current...I
FSM
Power Dissipation...P
D
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F
@ I
F = 100 mA
Maximum DC Reverse Current...I
R
@ Rated V
R
Dynamic Forward Resistance...R
F
Maximum Diode Capacitance...C
D
Typical Thermal Resistance...R
θJA
Maximum Reverse Recovery Time...t
RR
Page 8-3
FBAV19
FBAV20
FBAV21
120
200
250
100
150
200
JEDEC
D0-35
Device Under T
Device Under T
Device Under T
Device Under T
Device Under Test
est
est
est
est
2V
2nF
5K
Ohms
V
O
6D
Ohms
Electrical Characteristics
.120
.200
1.00 Min.
.018
.022
.060
.090


Similar Part No. - FBAV21

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
FBA AITSEMI-FBA Datasheet
167Kb / 3P
MULTILAYER CHIP BEAD
logo
Festo Corporation.
FBA-1-SL-5POL FESTO-FBA-1-SL-5POL Datasheet
72Kb / 1P
Bus connection
FBA-2-M12-5POL FESTO-FBA-2-M12-5POL Datasheet
78Kb / 1P
Bus connection
FBA-2-M12-5POL-RK FESTO-FBA-2-M12-5POL-RK Datasheet
79Kb / 1P
Bus connection
logo
Taiyo Yuden (U.S.A.), I...
FBA03HA450BB-00 TAIYO-YUDEN-FBA03HA450BB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
More results

Similar Description - FBAV21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMBB4148 ETC-FMBB4148 Datasheet
73Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
logo
First Components Intern...
FMBBAS16 FCI-FMBBAS16 Datasheet
60Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
FMBBAV70 FCI-FMBBAV70 Datasheet
59Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
1N914 FCI-1N914 Datasheet
56Kb / 1P
250 mW EPITAXIAL PLANAR DIODES
1N4148 FCI-1N4148 Datasheet
42Kb / 1P
500 mW EPITAXIAL PLANAR DIODES
1N4151 FCI-1N4151 Datasheet
55Kb / 1P
500 mW EPITAXIAL PLANAR DIODES
1N4448 FCI-1N4448 Datasheet
42Kb / 1P
500 mW EPITAXIAL PLANAR DIODES
BAS16 FCI-BAS16 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
BAV70 FCI-BAV70 Datasheet
75Kb / 1P
200 mW EPITAXIAL PLANAR DIODES
1N4148 FCI-1N4148_1 Datasheet
123Kb / 2P
500 mW EPITAXIAL PLANAR DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com