Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS031R Datasheet(PDF) 7 Page - International Rectifier

Part # IPS031R
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS031R Datasheet(HTML) 7 Page - International Rectifier

Back Button IPS031R Datasheet HTML 3Page - International Rectifier IPS031R Datasheet HTML 4Page - International Rectifier IPS031R Datasheet HTML 5Page - International Rectifier IPS031R Datasheet HTML 6Page - International Rectifier IPS031R Datasheet HTML 7Page - International Rectifier IPS031R Datasheet HTML 8Page - International Rectifier IPS031R Datasheet HTML 9Page - International Rectifier IPS031R Datasheet HTML 10Page - International Rectifier IPS031R Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IPS031R
www.irf.com
7
Figure 12 - I shutdown (A) Vs Temperature (oC)
Figure 9 - Turn-ON Delay Time, Rise Time & Time
to 130% final Rds(on) (us) Vs IN Resistor (Ω)
Figure 10 - Turn-OFF Delay Time & Fall
Time (us) Vs IN Resistor (
Ω)
Figure 11 - Current Iimitation & I shutdown (A)
Vs Vin (V)
0.1
1
10
10 0
10
100
1000
10000
delay on
rise tim e
130% rdson
0.1
1
10
10 0
1 0
1 0 0
1 00 0
1 00 00
delay off
fall tim e
0
2
4
6
8
10
12
14
16
18
20
0
123
456
78
Isd 25°C
Ilim 25°C
0
2
4
6
8
10
12
14
16
18
20
-50 -25
0
25
50
75 100 125 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com