Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS031R Datasheet(PDF) 8 Page - International Rectifier

Part # IPS031R
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS031R Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS031R Datasheet HTML 3Page - International Rectifier IPS031R Datasheet HTML 4Page - International Rectifier IPS031R Datasheet HTML 5Page - International Rectifier IPS031R Datasheet HTML 6Page - International Rectifier IPS031R Datasheet HTML 7Page - International Rectifier IPS031R Datasheet HTML 8Page - International Rectifier IPS031R Datasheet HTML 9Page - International Rectifier IPS031R Datasheet HTML 10Page - International Rectifier IPS031R Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IPS031R
8
www.irf.com
Fig.16 - Transient Thermal Impedance (oC/W)
Vs Time (s) - IPS031R
Figure 14 - Ids (A) Vs Protection Resp. Time (s)
IPS031R
Figure 13 - Max. I load current (A) Vs Tamb (oC)
IPS031R
Figure 15 - Iclamp (A) Vs Inductive Load (mH)
1
10
100
- - - - Tj=25 °C
_____Tj = 100 °C
Free air / standard footprint
0
5
10
15
25
50
75
100
125
150
Rthja=5°C/W
Rthja=15°C/W
Rthja=50°C/W
Rthja=100°C/
0.01
0.1
1
10
100
1.E-05
1.E-03
1.E-01
1.E+01
1.E+03
Vbat = 14 V
Tjini = T sd
0.1
1
10
100
0.01
0.1
1
10
10 0
s ingle pulse m ax. curre nt
100 Hz rth=60°C/W dT=25°C
1kHz
rth=60°C/W dT=25°C
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com