Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MMPF0200_V01 Datasheet HTML 17Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 18Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 19Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 20Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 21Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 22Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 23Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 24Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 115 page
background image
NXP Semiconductors
21
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.1.2.4
Soft start ramp rate
The start-up ramp rate or soft start ramp rate can be chosen from the same options as shown in Dynamic voltage scaling.
6.1.3
OTP prototyping
It is possible to test the desired configuration by using the “Try Before Buy” feature, before permanently programming fuses. The
configuration is loaded from the OTP registers with this feature. These registers merely serve as temporary storage for the values to be
written to the fuses, for the values read from the fuses, or for the values read from the default configuration. To avoid confusion, these
registers will be referred to as the TBBOTP registers. The portion of the register map that concerns OTP is shown in Table 121 and
Table 122.
The contents of the TBBOTP registers are initialized to zero when a valid VIN is first applied. The values that are then loaded into the
TBBOTP registers depend on the setting of the VDDOTP pin and on the value of the TBB_POR and FUSE_POR_XOR bits. Refer to
Table 14.
• If VDDOTP = VCOREDIG (1.5 V), the values are loaded from the default configuration.
•If VDDOTP = 0.0 V, TBB_POR = 0 and FUSE_POR_XOR = 1, the values are loaded from the fuses. It is required to set all the
FUSE_PORx bits to load the fuses.
•If VDDOTP = 0.0 V, TBB_POR = 0 and FUSE_POR_XOR = 0, the TBBOTP registers remain initialized at zero.
The initial value of TBB_POR is always “0”; only when VDDOTP = 0.0 V and TBB_POR is set to “1” are the values from the TBBOTP
registers maintained and not loaded from a different source.
The contents of the TBBOTP registers are modified by I2C. To communicate with I2C, VIN must be valid and VDDIO, to which SDA and
SCL are pulled up, must be powered by a 1.7 to 3.6 V supply. VIN, or the coin cell voltage must be valid to maintain the contents of the
registers. To power on with the contents of the TBBOTP registers, the following conditions must exist; VIN is valid, VDDOTP = 0.0 V,
TBB_POR = 1 and there is a valid turn-on event.
6.1.4
Reading OTP fuses
As described in the previous section, the contents of the fuses are loaded to the TBBOTP registers. When the following conditions are
met; VIN is valid, VDDOTP = 0.0 V, TBB_POR = 0, and FUSE_POR_XOR = 1. If ECC is enabled at the time the fuses were programmed,
the error corrected values can be loaded into the TBBOTP registers if desired. Once the fuses are loaded and a turn-on event occurs, the
PMIC will power on with the configuration programmed in the fuses. Contact your NXP representative for more details on reading the OTP
fuses.
6.1.5
Programming OTP fuses
The parameters that can be programmed are shown in the TBBOTP registers in the Extended page 1 of the register map. The PF0200
offers ECC, the control registers for which functions are located in Extended page 2 of the register map. There are ten banks of twenty-
six fuses, each that can be programmed.
1
100
0x0C
1
101
0x0D
1
110
0x0E
1
111
0x0F
Table 13. I2C address configuration (continued)
I2C_SLV_ADDR[3]
hard coded
I2C_SLV_ADDR[2:0]
I2C device address
(Hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com