Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MMPF0200_V01 Datasheet HTML 68Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 69Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 70Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 71Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 72Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 73Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 74Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 75Page - NXP Semiconductors MMPF0200_V01 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 115 page
background image
72
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN4
VGEN3 AC and transient (continued)
GEN3tOFF
Turn-off Time
Disable to 10% of initial value, VIN2 = VIN2MIN
IGEN3 = 0.0 mA
––
10
ms
GEN3OSHT
Start-up Overshoot
VIN2 = VIN2MIN, 3.6 V, IGEN3 = 0.0 mA
–1.0
2.0
%
VGEN3LOTR
Transient Load Response
VIN2 = VIN2MIN, 3.6 V
IGEN3 = 10 to 100 mA in 1.0μs
Peak of overshoot or undershoot of VGEN3 with respect to final
value. Refer to Figure 20
––
3.0
%
VGEN3LITR
Transient Line Response
IGEN3 = 75 mA
VIN2INITIAL = 2.8 V to VIN2FINAL = 3.3 V for
GEN3[3:0] = 0000 to 0111
VIN2INITIAL = VGEN3+0.3 V to VIN2FINAL = VGEN3+0.8 V for
VGEN3[3:0] = 1000 to 1010
VIN2INITIAL = VGEN3+0.25 V to VIN2FINAL = 3.6 V for
VGEN3[3:0] = 1011 to 1111
Refer to Figure 20
–5.0
8.0
mV
Notes
59.
When the LDO Output voltage is set above 2.6 V, the minimum allowed input voltage needs to be at least the output voltage plus 0.25 V, for proper
regulation due to the dropout voltage generated through the internal LDO transistor.
60.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test. VIN2MIN refers to the minimum allowed input voltage for a particular output voltage.
Table 89. VGEN4 electrical characteristics
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN2 = 3.6 V,
VGEN4[3:0] = 1111, IGEN4 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111, IGEN4 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN4
VIN2
Operating Input Voltage
1.8 V
≤ VGEN4NOM ≤ 2.5 V
2.6 V
≤ VGEN4NOM ≤ 3.3 V
2.8
VGEN4NO
M+ 0.250
–
–
3.6
3.6
V
(61)
VGEN4NOM
Nominal Output Voltage
–
Table 77
–V
IGEN4
Operating Load Current
0.0
–
350
mA
VGEN4 DC
VGEN4TOL
Output Voltage Tolerance
VIN2MIN < VIN2 < 3.6 V
0.0 mA < IGEN4 < 350 mA
VGEN4[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN4LOR
Load Regulation
(VGEN4 at IGEN4 = 350 mA) - (VGEN4 at IGEN4 = 0.0 mA )
For any VIN2MIN < VIN2 < 3.6 V
–0.07–
mV/mA
Table 88. VGEN3 electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN2 = 3.6 V,
VGEN3[3:0] = 1111, IGEN3 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, VIN2 = 3.6 V, VGEN3[3:0] = 1111, IGEN3 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com