Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMMM1 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SPC5643LFAMMM1
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMMM1 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SPC5643LFAMMM1 Datasheet HTML 16Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 17Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 18Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 19Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 20Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 21Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 22Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 23Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Introduction
NXP Semiconductors
20
•
Double buffered global trigger unit allowing eTimer synchronization and/or ADC command generation
•
Double buffered ADC command list pointers to minimize ADC-trigger unit update
•
Double buffered ADC conversion command list with as many as 24 ADC commands
•
Each trigger capable of generating consecutive commands
•
ADC conversion command allows control of ADC channel from each ADC, single or synchronous sampling,
independent result queue selection
•
DMA support with safety features
1.5.35
Cyclic Redundancy Checker (CRC) Unit
The CRC module is a configurable multiple data flow unit to compute CRC signatures on data written to its input register.
The CRC unit has the following features:
•
3 sets of registers to allow 3 concurrent contexts with possibly different CRC computations, each with a selectable
polynomial and seed
•
Computes 16- or 32-bit wide CRC on the fly (single-cycle computation) and stores result in internal register.
The following standard CRC polynomials are implemented:
—x8 + x4 + x3 + x2 + 1 [8-bit CRC]
—x16 +x12 +x5 + 1 [16-bit CRC-CCITT]
— x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x +1
[32-bit CRC-ethernet(32)]
•
Key engine to be coupled with communication periphery where CRC application is added to allow implementation of
safe communication protocol
•
Offloads core from cycle-consuming CRC and helps checking configuration signature for safe start-up or periodic
procedures
•
CRC unit connected as peripheral bus on internal peripheral bus
•
DMA support
1.5.36
Redundancy Control and Checker Unit (RCCU)
The RCCU checks all outputs of the sphere of replication (addresses, data, control signals). It has the following features:
•
Duplicated module to guarantee highest possible diagnostic coverage (check of checker)
•
Multiple times replicated IPs are used as checkers on the SoR outputs
1.5.37
Junction temperature sensor
The junction temperature sensor provides a value via an ADC channel that can be used by software to calculate the device
junction temperature.
The key parameters of the junction temperature sensor include:
•
Nominal temperature range from –40 to 150 °C
•
Software temperature alarm via analog ADC comparator possible
1.5.38
Nexus Port Controller (NPC)
The NPC module provides real-time development support capabilities for this device in compliance with the IEEE-ISTO
5001-2003. This development support is supplied for MCUs without requiring external address and data pins for internal
visibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com