Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMMM1 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # SPC5643LFAMMM1
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMMM1 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button SPC5643LFAMMM1 Datasheet HTML 88Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 89Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 90Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 91Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 92Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 93Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 94Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 95Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
92
×
3.13
FMPLL electrical characteristics
Table 22. Main oscillator electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3 V ±10%, TJ = –40 to +150 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
fXOSCHS
SR Oscillator frequency
—
4.0
—
40.0
MHz
gmXOSCHS
P Oscillator
transconductance
VDD = 3.3 V ±10%
4.5
—
13.25
mA/V
VXOSCHS
D Oscillation amplitude
fOSC = 4, 8, 10, 12, 16 MHz
1.3
—
—
V
fOSC =40MHz
1.1
—
—
VXOSCHSOP D Oscillation operating
point
—
—
0.82
—
V
TXOSCHSSU
T Oscillator start-up time
fOSC = 4, 8, 10, 12 MHz
2
2 The recommended configuration for maximizing the oscillator margin are:
XOSC_MARGIN = 0 for 4 MHz quartz
XOSC_MARGIN = 1 for 8/16/40 MHz quartz
——
6
ms
fOSC =16, 40 MHz
2
——
2
VIH
SR Input high level CMOS
Schmitt Trigger
Oscillator bypass mode
0.65 × VDD
—VDD +0.4
V
VIL
SR Input low level CMOS
Schmitt Trigger
Oscillator bypass mode
–0.4
—
0.35 × VDD
V
Table 23. FMPLL electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fREF_CRYSTAL
fREF_EXT
D FMPLL reference frequency
range1
Crystal reference
4
—
40
MHz
fPLL_IN
D Phase detector input
frequency range (after
pre-divider)
—4
—
16
MHz
fFMPLLOUT D Clock frequency range in
normal mode
—4
—
1202
MHz
fFREE
P Free running frequency
Measured using clock division
(typically
÷16)
20
—
150
MHz
fsys
D On-chip FMPLL frequency2
—16
—
120
MHz
tCYC
D System clock period
—
—
—
1 / fsys
ns
fLORL
fLORH
D Loss of reference frequency
window3
Lower limit
1.6
—
3.7
MHz
Upper limit
24
—
56
fSCM
D Self-clocked mode
frequency4,5
—20
—
150
MHz
tLOCK
P Lock time
Stable oscillator (fPLLIN = 4 MHz),
stable VDD
——
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com