Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FV05M Datasheet(PDF) 1 Page - First Components International

Part # FV05M
Description  HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FV05M Datasheet(HTML) 1 Page - First Components International

  FV05M Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Non-Repetitive Peak Forward Surge Current...I
FSM
Repetitive Peak Reverse Surge Current...I
RSM
@ V
RRM 25°C
Average Rectified Forward Current...I
O
Case Temperature...T
C
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F
@ 10 mAmps
T
A = 25°C
Typical Junction Capacitance...C
J
@ V
RRM = 0 V, 25°C, F = 1 MHz
Maximum Reverse Recovery Time...T
RR
@ I
F = 2 mAmps (.1 @ VR)
FV05M Series
Page 5-12
Data Sheet
HIGH VOLTAGE MINIATURE
PLASTIC RECTIFIERS
Units
............................................ 1.0 ................................................
............................................ 5.0 ................................................
............................................ 5.0 ................................................
............................................ 100 ................................................
............................................ 3.5 ................................................
n FOR COLOR TV RECEIVER
APPLICATIONS – SINGLE, DOUBLER
& TRIPLER CIRCUITS
n DIFFUSED JUNCTION
TRANSFORMER
n EXCELLENT HIGH TEMPERATURE
OUTPUT CHARACTERISTICS
n MULTI-STAGE SINGULAR
FLYBACK TRANSFORMER
Amps
mAmps
mAmps
°C
°C
Volts
pF
ms
-10
-12
-14
-16
-18
-20
-22
-24
10
12
14
16
18
20
22
24
KVolts
30
38
43
50
55
63
70
75
14.4
18
20.4
24
28.4
30
33
36
......................................... -40 to 125 ..........................................
.472
.118
.024 Typ.
1.00 Typ.
FV05M Case
Electrical Characteristics


Similar Part No. - FV05M

ManufacturerPart #DatasheetDescription
logo
FCI connector
FV05M-04 FCI-CONNECTOR-FV05M-04 Datasheet
89Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
More results

Similar Description - FV05M

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
GP02 FCI-GP02 Datasheet
108Kb / 2P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Electronic devices inc.
HV15PD EDI-HV15PD Datasheet
85Kb / 2P
HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
logo
HY ELECTRONIC CORP.
BY133 HY-BY133 Datasheet
39Kb / 2P
HIGH VOLTAGE PLASTIC RECTIFIERS
logo
Edal Industries, Inc.
B427 EDAL-B427 Datasheet
731Kb / 2P
Sub-Miniature High Voltage Rectifiers
B587 EDAL-B587 Datasheet
749Kb / 2P
Sub-Miniature High Voltage Rectifiers
B412 EDAL-B412 Datasheet
484Kb / 2P
Miniature High Voltage Silicon Rectifiers
logo
Vishay Siliconix
UG4A VISHAY-UG4A_11 Datasheet
78Kb / 4P
Miniature Ultrafast Plastic Rectifiers
04-May-11
logo
FCI connector
FV05M-04 FCI-CONNECTOR-FV05M-04 Datasheet
89Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Vishay Siliconix
UG4A-M3 VISHAY-UG4A-M3 Datasheet
78Kb / 4P
Miniature Ultrafast Plastic Rectifiers
19-Feb-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com