Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETZ5IN1 Datasheet(PDF) 1 Page - Maxtena Inc.

Part # NETZ5IN1
Description  LTE-MIMO/WIFI-MIMO/GNSS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.

NETZ5IN1 Datasheet(HTML) 1 Page - Maxtena Inc.

  NETZ5IN1 Datasheet HTML 1Page - Maxtena Inc. NETZ5IN1 Datasheet HTML 2Page - Maxtena Inc. NETZ5IN1 Datasheet HTML 3Page - Maxtena Inc. NETZ5IN1 Datasheet HTML 4Page - Maxtena Inc. NETZ5IN1 Datasheet HTML 5Page - Maxtena Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NETZ 5in1
Maxtena Inc.
7361 Calhoun Place, Suite 102
Rockville, MD 20855
1-877-629-8362
info@maxtena.com
www.maxtena.com
WIRELESS INNOVATIONS COMPANY
Part #: 100-00095-01
Description
Features
• LTE/Wifi/GNSS frequencies
• High performance
• MIMO technology solution
• A low profile design with easy mounting
• An integrated SMA connectors
Applications
• Fleet management
• Commercial transport
• HD video monitoring
• Buses, train, and commercial applications
• Smart city
Parameter
Frequency Range
1561 / 1575.42 / 1602 MHz
V.S.W.R
< 2.0 : 1
Impedance
50 Ω
Polarization
Linear
Gain @ Zenith
3 dBi Typ. @1561 MHz
3 dBi Typ. @1575 MHz
3.5 dBi Typ. @1602 MHz
Parameter
Frequency Range
1561 / 1575.42 / 1602 MHz
V.S.W.R
< 2.0 : 1
Impedance
50 Ω
Antenna Gain (@3.3V)
28 dB Typ. / 25 dB Min
DC Power Input
3~5 V
Noise Figure
1.5 dB Typ
Power Consumption (@3.3V)
9 Typ. mA
The NETZ 5 in 1 is a MIMO technology solution by Maxtena that combines two LTE
antennas, and two WiFi antennas with GNSS. Our 5 in 1 solution is ideal for high
data throughput and streaming, video, industrial and IOT applications.
LTE-MIMO/WIFI-MIMO/GNSS
GNSS Antenna Electrical Specifications
LNA Electrical Properties
LTE MIMO1 Antenna Electrical Specifications
Parameter
Frequency Range
698~960 / 1710~2170 / 2300~2690 MHz
V.S.W.R
< 4.0 : 1
Impedance
50 Ω
Average Efficiency
698~960 MHz > 40%
1710~2170 MHz > 40%
2300~2690 MHz > 50%
Peak Gain
4.0 dBi Typ. @698~960 MHz
6.0 dBi Typ. @1710~2170 MHz
5.0 dBi Typ. @2300~2690 MHz
GNSS Antenna Electrical Specifications
LNA Electrical Properties
LTE MIMO1 Antenna Electrical Specifications
Parameter
Frequency Range
698~960 / 1710~2170 / 2300~2690 MHz
V.S.W.R
< 4.0 : 1
Impedance
50 Ω
Average Efficiency
698~960 MHz > 40%
1710~2170 MHz > 40%
2300~2690 MHz > 50%
Peak Gain
4.0 dBi Typ. @698~960 MHz
6.0 dBi Typ. @1710~2170 MHz
5.0 dBi Typ. @2300~2690 MHz


Similar Part No. - NETZ5IN1

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
NETZ5IN1-SM MAXTENA-NETZ5IN1-SM Datasheet
6Mb / 7P
CELLULAR/LTE MIMO, 2.4/5.0 GHz ISM MIMO and GNSS - Screw Mount
REV A
More results

Similar Description - NETZ5IN1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
2x2 MIMO LTE GNSS FPC ANTENNA
logo
Taoglas antenna solutio...
MA250ALBI001 TAOGLAS-MA250ALBI001 Datasheet
5Mb / 62P
Sentinel Adhesive Mount 3in1 LTE MIMO GNSS Antenna
MA9908.A.001 TAOGLAS-MA9908.A.001 Datasheet
5Mb / 73P
GuardianX 1M 8in1 1*Active GNSS 4*LTE MIMO 3*WiFi MIMO
MA9909.A.002 TAOGLAS-MA9909.A.002 Datasheet
9Mb / 80P
GuardianX 9in1 GNSS & 8*LTE MIMO Antenna
MA9909.W.A.002 TAOGLAS-MA9909.W.A.002 Datasheet
9Mb / 81P
GuardianX 9in1 GNSS & 8*LTE MIMO Antenna
MA250.A.LBI.001 TAOGLAS-MA250.A.LBI.001_17 Datasheet
5Mb / 62P
Sentinel 3in1 Adhesive Mount 2*LTE MIMO & GNSS Antenna
logo
Maxtena Inc.
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
NETZ5IN1-SM MAXTENA-NETZ5IN1-SM Datasheet
6Mb / 7P
CELLULAR/LTE MIMO, 2.4/5.0 GHz ISM MIMO and GNSS - Screw Mount
REV A
logo
Raltron Electronics Cor...
RDM-MBJ3-110053-1M-X-001 RALTRON-RDM-MBJ3-110053-1M-X-001 Datasheet
376Kb / 2P
WIFI MIMO ANTENNA
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com