Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NETZ5IN1 Datasheet(PDF) 2 Page - Maxtena Inc.

Part # NETZ5IN1
Description  LTE-MIMO/WIFI-MIMO/GNSS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXTENA [Maxtena Inc.]
Direct Link  https://maxtena.com/
Logo MAXTENA - Maxtena Inc.

NETZ5IN1 Datasheet(HTML) 2 Page - Maxtena Inc.

  NETZ5IN1 Datasheet HTML 1Page - Maxtena Inc. NETZ5IN1 Datasheet HTML 2Page - Maxtena Inc. NETZ5IN1 Datasheet HTML 3Page - Maxtena Inc. NETZ5IN1 Datasheet HTML 4Page - Maxtena Inc. NETZ5IN1 Datasheet HTML 5Page - Maxtena Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Antenna Dimensions
Φ 141.98 x 66.5 mm
Mounting Function
Permanent Mount
Operating Temperature
-40 ˚C +85 ˚C
Housing Material & Color
PC+ABS & Black
Cable
RG-174 (GNSS) / CFD-200 (LTE) / CFD-200 (WIFI)
Cable Length
1 m
Connector
SMA / FAKRA or customer specification
Waterproof
Waterproof
Mechanical Specifications
Maxtena Inc.
7361 Calhoun Place, Suite 102
Rockville, MD 20855
1-877-629-8362
info@maxtena.com
www.maxtena.com
WIRELESS INNOVATIONS COMPANY
Parameter
Frequency Range
698~960 / 1710~2170 / 2300~2690 MHz
V.S.W.R
< 4.0 : 1
Impedance
50 Ω
Average Efficiency
698~960 MHz > 40%
1710~2170 MHz > 50%
2300~2690 MHz > 50%
Peak Gain
4.0 dBi Typ. @698~960 MHz
6.0 dBi Typ. @1710~2170 MHz
5.0 dBi Typ. @2300~2690 MHz
Parameter
Frequency Range
1561 / 1575.42 / 1602 MHz
V.S.W.R
< 2.0 : 1
Impedance
50 Ω
Peak Gain
5.0 dBi Typ. @2400~2500 MHz
8.0 dBi Typ. @5150~5850 MHz
Average Efficiency
2400~2500 MHz > 60%
5150~5850 MHz > 50%
LTE MIMO2 Antenna Electrical Specifications
WIFI MIMO1 Antenna Electrical Specifications
Parameter
Frequency Range
2400~2500 / 5150~5850 MHz
V.S.W.R
< 2.0 : 1
Impedance
50 Ω
Peak Gain
5.0 dBi Typ. @2400~2500 MHz
8.0 dBi Typ. @5150~5850 MHz
Average Efficiency
2400~2500 MHz > 60%
5150~5850 MHz > 50%
WIFI MIMO2 Antenna Electrical Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com