Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF-STP-5BU Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # KF-STP-5BU
Description  Terminal Block with Test Plug Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KF-STP-5BU Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KF-STP-5BU Datasheet HTML 1Page - Pepperl+Fuchs Inc. KF-STP-5BU Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Terminal Block with Test Plug Socket
KF-STP-5BU
< 3-pin screw terminal
< For KF modules of K-System
< Integrated test sockets for connection of HART communicators
< Packaging unit: 5 pieces blue
Terminal block for KF modules, 3-pin screw terminal, with test sockets, blue
Function
The terminal block is suitable for KSystem applications.
The blue terminal block is used for connection of signals from or in the hazardous area.
This terminal block has integrated test sockets for connection of HART communicators.
The terminal block can be coded with the provided coding pins KF-CP.
Dimensions
Test socket for
2/2.3 mm connector
15.1
21
Technical Data
General specifications
Number of pins
3
Mechanical specifications
Core cross-section
max. 2.5 mm2
Material
Color
blue
Mass
approx. 5 g
Dimensions
15.1 x 15 x 21 mm (0.6 x 0.6 x 0.83 inch)
Construction type
screw terminal with integrated test sockets , removable
Structure
one-rowed
General information
Packing unit
5 item(s)
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - KF-STP-5BU

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KF-STP-5GN PF-KF-STP-5GN Datasheet
551Kb / 2P
Terminal Block with Test Plug Socket
2021-08-30
More results

Similar Description - KF-STP-5BU

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KC-CTT-3GN2BU PF-KC-CTT-3GN2BU Datasheet
392Kb / 2P
Terminal Block with Test Plug Socket
KC-CTT-5BU PF-KC-CTT-5BU Datasheet
388Kb / 2P
Terminal Block with Test Plug Socket
KC-CTT-5GN PF-KC-CTT-5GN Datasheet
388Kb / 2P
Terminal Block with Test Plug Socket
KF-CTT-3GN2BU PF-KF-CTT-3GN2BU Datasheet
374Kb / 2P
Terminal Block with Test Plug Socket
KF-CTT-5BU PF-KF-CTT-5BU Datasheet
368Kb / 2P
Terminal Block with Test Plug Socket
KC-STP-5BU PF-KC-STP-5BU Datasheet
323Kb / 1P
Terminal Block with Test Plug Socket
KC-STP-5GN PF-KC-STP-5GN Datasheet
324Kb / 1P
Terminal Block with Test Plug Socket
KF-CTT-5GN PF-KF-CTT-5GN Datasheet
369Kb / 2P
Terminal Block with Test Plug Socket
KF-STP-5GN PF-KF-STP-5GN Datasheet
551Kb / 2P
Terminal Block with Test Plug Socket
2021-08-30
logo
WAGO Kontakttechnik Gmb...
2007-8807 WAGO-2007-8807 Datasheet
743Kb / 11P
2-conductor ground terminal block; 6 mm짼; with touch-proof test socket
24.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com