Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF-STP-5BU Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # KF-STP-5BU
Description  Terminal Block with Test Plug Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KF-STP-5BU Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  KF-STP-5BU Datasheet HTML 1Page - Pepperl+Fuchs Inc. KF-STP-5BU Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KF-STP-5BU
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Terminal Block with Test Plug Socket
The insulation of the removable terminal blocks protect against direct contact. The insulation conforms to a reinforced insulation
acc. to EN 50178 with a rated insulation voltage of 50 V AC.
If the rated voltage greater than 50 V AC, proceed as follows:
- Switch off the voltage.
- Connect the terminal blocks or disconnect the terminal blocks.
Safety Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com