Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644BCAMMJ1 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MPC5644BCAMMJ1
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMMJ1 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MPC5644BCAMMJ1 Datasheet HTML 76Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 77Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 78Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 79Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 80Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 81Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 82Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 83Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
80
VDD_ADC1
3
SR
—
Voltage on
VDD_HV_ADC1
pin (ADC_1
reference) with
respect to ground
(VSS_HV)
—VDD_HV_A − 0.1
VDD_HV_A +0.1
V
VAINx
3,4
SR
—
Analog input
voltage5
—VSS_ADC1 − 0.1
VDD_ADC1 +0.1
V
fADC1
SR
—
ADC_1 analog
frequency
—
8 + 2%
32 + 2%
MHz
tADC1_PU
SR
—
ADC_1 power up
delay
—
1.5
µs
tADC1_S
CC
T
Sample time6
VDD=5.0 V
—
440
ns
Sample time(6)
VDD=3.3 V
—
530
tADC1_C
CC
P
Conversion time7, 8
VDD=5.0 V
fADC1 = 32 MHz
2
µs
Conversion time(7),
(6)
VDD =5.0 V
fADC 1= 30 MHz
2.1
Conversion time(7),
(6)
VDD=3.3 V
fADC 1= 20 MHz
3
Conversion time(7),
(6)
VDD =3.3 V
fADC1 = 15 MHz
3.01
CS
CC
D
ADC_1 input
sampling
capacitance
—5
pF
CP1
CC
D
ADC_1 input pin
capacitance 1
—3
pF
CP2
CC
D
ADC_1 input pin
capacitance 2
—1
pF
CP3
CC
D
ADC_1 input pin
capacitance 3
—1.5
pF
RSW1
CC
D
Internal resistance
of analog source
—1
k
Ω
RSW2
CC
D
Internal resistance
of analog source
—2
k
Ω
RAD
CC
D
Internal resistance
of analog source
—0.3
k
Ω
Table 43. Conversion characteristics (12-bit ADC_1) (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com