Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644BCAMMJ1 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # MPC5644BCAMMJ1
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMMJ1 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button MPC5644BCAMMJ1 Datasheet HTML 77Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 78Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 79Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 80Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 81Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 82Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 83Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 84Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
81
IINJ
SR
—
Input current
Injection
Current
injection
on one
ADC_1
input,
different
from the
converted
one
VDD = 3.3
V ± 10%
−5
—
5
mA
VDD = 5.0
V ± 10%
−5
—
5
INLP
CC
T
Absolute Integral
non-linearity-Preci
se channels
No overload
1
3
LSB
INLS
CC
T
Absolute Integral
non-linearity-
Standard channels
No overload
1.5
5
LSB
DNL
CC
T
Absolute
Differential
non-linearity
No overload
0.5
1
LSB
OFS
CC
T
Absolute Offset
error
—2
LSB
GNE
CC
T
Absolute Gain error —2
LSB
TUEP9
CC
P
Total Unadjusted
Error for precise
channels, input
only pins
T
Without current
injection
−6
6
LSB
T
With current injection
−8
8
LSB
TUES(9)
CC
T
Total Unadjusted
Error for standard
channel
P
Without current
injection
−10
10
LSB
T
With current injection
−12
12
LSB
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 Analog and digital V
SS_HV must be common (to be tied together externally).
3 PA3, PA7, PA10, PA11 and PE12 ADC_1 channels are coming from V
DD_HV_B domain hence VDD_HV_ADC1 should be
within ±100 mV of VDD_HV_B when these channels are used for ADC_1.
4 VDD_HV_ADC1 can operate at 5V condition while V
DD_HV_B can operate at 3.3V provided that ADC_1 channels coming
from VDD_HV_B domain are limited in max swing as VDD_HV_B.
5 V
AINx may exceed VSS_ADC1 and VDD_ADC1 limits, remaining on absolute maximum ratings, but the results of the
conversion will be clamped respectively to 0x000 or 0xFFF.
6 During the sample time the input capacitance C
S can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC1_S. After the end of
the sample time tADC1_S, changes of the analog input voltage have no effect on the conversion result. Values for the sample
clock tADC1_S depend on programming.
7 Conversion time = Bit evaluation time + Sampling time + 1 Clock cycle delay.
8 Refer to ADC conversion table for detailed calculations.
Table 43. Conversion characteristics (12-bit ADC_1) (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com