Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644BCAMMJ1 Datasheet(PDF) 113 Page - NXP Semiconductors

Part # MPC5644BCAMMJ1
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMMJ1 Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button MPC5644BCAMMJ1 Datasheet HTML 108Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 109Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 110Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 111Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 112Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 113Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 114Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 115Page - NXP Semiconductors MPC5644BCAMMJ1 Datasheet HTML 116Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 113 / 116 page
background image
Revision history
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
113
5
21 June 2012
• Updated the pins 23 and 24 of Figure 2.176-pin LQFP configuration
• Updated unit of measure in Table 43 Conversion characteristics (12-bit ADC_1)
• Modified the value to typical value in Table 48 On-chip peripherals current
consumption
• Added footnote to tESRT parameter in Table 25 Code flash memory—Program and
erase specifications
• Added footnote to tESRT parameter in Table 26 Data flash memory—Program and
erase specifications
• Updated Table 28 Flash memory read access timing.
• Updated Notes 2 and Notes 3 of Table 9 Recommended operating conditions
(3.3 V) and Table 10 Recommended operating conditions (5.0 V) respectively.
• Updated the footnote1 of Table 9 Recommended operating conditions (3.3 V) and
Table 10 Recommended operating conditions (5.0 V)
• Updated VDD_HV_A to VDD_BV for CDEC2 and IDD_HV_A in Table 22 Voltage
regulator electrical characteristics and deleted footnote3
• Updated the dedicated number of channels for 12-bit ADC in family comparison
tables
• Updated the values of fSIRC, parameters and conditions of ΔSIRCVAR in Table 40
Slow internal RC oscillator (128 kHz) electrical characteristics
• Updated second footnote in Table 10, Recommended operating conditions (5.0 V)
• Updated the value of tADC0_PU in Table 42, ADC conversion characteristics (10-bit
ADC_0)
• Updated the IDD values in Table 24, Low voltage power domain electrical
characteristics
• Added footnote to Table 24, Low voltage power domain electrical characteristics
related to current drawn from VDD_HV_A and VDD_HV_B
• Updated entire Section 4.17.1.1, “Input impedance and ADC accuracy”- Updated
the values of VLPREG in Table 22, Voltage regulator electrical characteristics.
• Updated the values of VLPREG in Table 22, Voltage regulator electrical
characteristics.
• Added TA = 25 °C, min and max values of VMREG in Table 22, Voltage regulator
electrical characteristics
• Added TA = 25 °C, min and max values of VLPREG in Table 22, Voltage regulator
electrical characteristics
• Updated the min, max and typical values of VLVDLVCORL and VLVDLVBKPL in
Table 23, Low voltage monitor electrical characteristics
• Updated values of gmFXOSC in Table 35, Fast external crystal oscillator (4 to 40
MHz) electrical characteristicsUpdated values of gmSXOSC in Table 37, Slow
external crystal oscillator (32 kHz) electrical characteristics
• Updated the footnote 5 for TADC0_C in Table 42, ADC conversion characteristics
(10-bit ADC_0)
• Updated the footnotes of Table 24, Low voltage power domain electrical
characteristics
5.1
15 Aug 2012
• Removed Footer: Preliminary tag
Table 52. Revision history (continued)
Revision
Date
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com