Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB2002AR Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # LB2002AR
Description  Digital Output with Position Feedback
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB2002AR Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  LB2002AR Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB2002AR Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB2002AR Datasheet HTML 3Page - Pepperl+Fuchs Inc. LB2002AR Datasheet HTML 4Page - Pepperl+Fuchs Inc. LB2002AR Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Digital input
Number of channels
2
Sensor interface
Connection
NAMUR sensor
Connection [2]
volt-free contact
Connection
channel I: 2+, 5-; channel II: 3+, 6-
Rated values
acc. to EN 60947-5-6 (NAMUR)
Switching point/switching hysteresis
1.2 ... 2.1 mA / ± 0.2 mA
Voltage
8.2 V
Internal resistor
Ri
1 kΩ
Line fault detection
can be switched on/off for each channel via configuration tool
Connection
mechanical switch with additional resistors (see connection diagram) proximity
switches without additional wiring
Short-circuit
< 360 Ω
Open-circuit
< 0.35 mA
Minimum pulse duration
1 ms
Digital output
Number of channels
1
Suitable field devices
Field device
Solenoid Valve
Field device [2]
audible alarm
Field device [3]
visual alarm
Connection
channel I: 1+, 4-
Open loop voltage
Us
24 V
Current limit
Imax
50 mA
Internal resistor
Ri
210 Ω
Line fault detection
can be switched on/off for each channel via configuration tool , also when turned off
(every 2.5 s the valve is turned on for 2 ms)
Short-circuit
< 200 Ω
Open-circuit
> 1.2 kΩ
Response time
20 ms (depending on bus cycle time)
Watchdog
within 0.5 s the device goes in safe state, e.g. after loss of communication
Indicators/settings
LED indication
LED green: supply
LED red: line fault, per channel
LED yellow: signal (status), per channel
Coding
optional mechanical coding via front socket
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1
Conformity
Electromagnetic compatibility
NE 21
Degree of protection
IEC 60529
Environmental test
EN 60068-2-14
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Damaging gas
EN 60068-2-42
Relative humidity
EN 60068-2-56
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F) , 70 °C (non-Ex)
Storage temperature
-25 ... 85 °C (-13 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Digital Output with Position Feedback
LB2002AR
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com