Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB2002AR Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # LB2002AR
Description  Digital Output with Position Feedback
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB2002AR Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  LB2002AR Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB2002AR Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB2002AR Datasheet HTML 3Page - Pepperl+Fuchs Inc. LB2002AR Datasheet HTML 4Page - Pepperl+Fuchs Inc. LB2002AR Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 when mounted on backplane
Connection
removable front connector with screw flange (accessory)
wiring connection via spring terminals (0.14 ... 1.5 mm2) or screw terminals
(0.08 ... 1.5 mm2)
Mass
approx. 110 g
Dimensions
16 x 100 x 102 mm (0.63 x 3.9 x 4 inch)
Data for application in connection with hazardous areas
Input
Voltage
Uo
14.1 V
Current
Io
16 mA
Power
Po
55 mW (linear characteristic)
Internal capacitance
Ci
1.65 nF
Internal inductance
Li
0 mH
Output
Voltage
Uo
27.83 V
Current
Io
183 mA
Power
Po
1270 mW
Internal capacitance
Ci
1.65 nF
Internal inductance
Li
0 mH
Certificate
PF 08 CERT 1234 X
Marking
1
II 3 G Ex nA [ic] IIB T4 Gc
Galvanic isolation
Input/power supply, internal bus
safe electrical isolation acc. to EN 60079-11, voltage peak value 375 V
Output/power supply, internal bus
safe electrical isolation acc. to EN 60079-11, voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN 60079-0:2009
EN 60079-11:2007
EN 60079-15:2010
International approvals
ATEX approval
PF 08 CERT 1234 X
UL approval
Control drawing
116-0321A
IECEx approval
BVS 09.0037X
Approved for
Ex nA [ic] IIC T4 Gc
EAC approval
Russia: RU C-IT.MIII06.B.00129
Marine approval
Lloyd Register
15/20021
DNV GL Marine
TAA0000034
American Bureau of Shipping
T1450280/UN
Bureau Veritas Marine
22449/B0 BV
General information
System information
The module has to be mounted in appropriate backplanes (LB9***) in Zone 2 or
outside hazardous areas. Here, observe the corresponding declaration of conformity.
For use in hazardous areas (e. g. Zone 2 or Zone 22) the module must be installed in
an appropriate enclosure.
Supplementary information
EC-Type Examination Certificate, Statement of Conformity, Declaration of Conformity,
Attestation of Conformity and instructions have to be observed where applicable. For
information see www.pepperl-fuchs.com.
Digital Output with Position Feedback
LB2002AR
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com