Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAD103 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MAD103
Description  Switching Diode Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MAD103 Datasheet(HTML) 1 Page - Microsemi Corporation

  MAD103 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MSC0914.PDF
ISO 9001 CERTIFIED
REV D 9/03/1999
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax (480) 947-1503
FEATURES
•
Dual 10 Diode Array
•
Standard 14 pin Dual-In-Line Package
•
UL 94V-0 Flammability Classification
MECHANICAL
•
Molded 14 Pin Dip
•
Weight: 2.5 grams (approximate)
•
Marking: Logo, device number, date code
•
Pin #1 defined by DOT on top of package
MAXIMUM RATINGS
•
Operating Temperatures: -55
0C to +1500C
•
Storage Temperature: -55
0C to +1500C
•
Forward Surge Current: 2.0 Amps (8.3 mS)
•
Minimum Breakdown Voltage V(BR): 90V
•
Working Peak Reverse Voltage VRWM: 75V
•
Continuous forward current IF: 400 mA
•
Power dissipation (PD): 500 mW
•
Derating factor: 4.0 mW/
°C
PACKAGING
•
Carrier tube 25 pcs per (STANDARD)
ELECTRICAL CHARACTERISTICS @ 25
0C Unless otherwise specified
V(BR)
@100µA
V
VRWM
V
IR
+25ºC
µA
IR
+150ºC
µA
CAP
@0V
pF
trr
(nS)
VF
@If = 10mA
V
VF
@If = 100mA
V
Part Number
MIN
MAX
MAX
@ VR
MAX
@ VR
MAX
MAX
MAX
MAX
MAD130
90
75
.025
20
50
20
4.0
5.0
1.00
1.20
MAD130
Switching Diode Array
CIRCUIT DIAGRAM


Similar Part No. - MAD103

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
MAD100 P-DUKE-MAD100 Datasheet
2Mb / 5P
LOW STANDBY POWER CONSUMPTION UNDER 0.3 WATT
More results

Similar Description - MAD103

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104 Datasheet
50Kb / 1P
Switching Diode Array
MMAD1104 MICROSEMI-MMAD1104 Datasheet
86Kb / 1P
Switching Diode Array
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
Switching Diode Array
MMAD1108 MICROSEMI-MMAD1108 Datasheet
77Kb / 1P
Switching Diode Array
S24-4148CC MICROSEMI-S24-4148CC Datasheet
67Kb / 1P
Switching Diode Array
logo
List of Unclassifed Man...
ADA1108P ETC-ADA1108P Datasheet
581Kb / 1P
Switching Diode Array
logo
Chenmko Enterprise Co. ...
MMBD4448FPT CHENMKO-MMBD4448FPT Datasheet
111Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448HTWPT CHENMKO-MMBD4448HTWPT Datasheet
103Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448TPT CHENMKO-MMBD4448TPT Datasheet
128Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448VPT CHENMKO-MMBD4448VPT Datasheet
110Kb / 2P
SWITCHING DIODE ARRAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com