Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS44 Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SMS44
Description  Highly Programmble Voltage Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS44 Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SMS44 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 16Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
2047 2.3 10/23/00
SMS44
SUMMIT MICROELECTRONICS, Inc.
0.014 - 0.019
(0.356 - 0.482)
0.004 - 0.012
(0.102 - 0.305)
0.037 - 0.045
(0.940 - 1.143
0.093 - 0.104
(2.362 - 2.642)
0.016 - 0.050
(0.406 - 1.270)
0.050
(1.270)
0.009 - 0.013
(0.229 - 0.330)
0.010 - 0.029
(0.254 - 0.737)
0.291 - 0.299
(7.391 - 7.595)
16 Pin SOIC T
0º to 8º
typ
x45
0.398 - 0.412
(10.109 - 12.465)
0.394 - 0.419
(10.007 - 10.643)
PACKAGES
16 PIN SOIC PACKAGE
ORDERING INFORMATION
SMS44 G
Base Part Number
Package
G = SSOP
S = SOIC
2047 Tree 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com