Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS44 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMS44
Description  Highly Programmble Voltage Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS44 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMS44 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS44 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Characteristics subject to change without notice
2047 2.3 10/23/00 EOL 12/16/05
SMS44
SUMMIT
MICROELECTRONICS, Inc.
©SUMMIT MICROELECTRONICS, Inc., 2000 • 300 Orchard City Dr., Suite 131 • Campbell, CA 95008 • Phone 408-378-6461 • FAX 408-378-6586 • www.summitmicro.com
NOTE: THIS PRODUCT HAS REACHED END OF LIFE
!
!
!
!
!
Operational from any of four Voltage Monitoring
Inputs
!
!
!
!
!
Programmability allows monitoring any voltage
between 0.9V and 6.0V with NO external
components
!
!
!
!
!
Programmable Watchdog Timer
!
!
!
!
!
Programmable Longdog™ Timer
!
!
!
!
!
Programmable Reset Pulse Width
!
!
!
!
!
Programmable Power-up sequencing
!
!
!
!
!
Programmable Nonvolatile Combinatorial Logic
for generation of reset and interrupt outputs
!
!
!
!
!
Fault Status Register
Highly Programmble Voltage Supervisory Circuit
FUNCTIONAL BLOCK DIAGRAM
FEATURES
INTRODUCTION
The SMS44 is a highly programmable voltage supervisory
circuit designed specifically for advanced systems need-
ing to monitor multiple voltages. The SMS44 can monitor
four separate voltages without the need of any external
voltage divider circuitry
The SMS44 watchdog timer has a user programmable
timeout period and it can be placed in an idle mode for
system initialization or system debug. All of the functions
are user accessible through an industry standard 2-wire
serial interface.
2047 BD 1.0
+
–
REF
NV DAC
+
–
REF
NV DAC
+
–
REF
NV DAC
+
–
REF
NV DAC
RESET
IRQ
RESET
IRQ
RESET
IRQ
V0 16
V1 2
V2 3
V3 14
MR# 1
PROGRAMMABLE
WATCHDOG
TIMER
PROGRAMMABLE
LONGDOG
TIMER
PROGRAMMABLE
RESET PULSE
GENERATOR
SERIAL
BUS
CONTROL
LOGIC
4K-BIT NV
MEMORY
RESET#
PUP#1
11
5
4
SDA
IRQ#
WLDI
9
15
10
PUP#2
PUP#3
13
SCL
A2
7
6
A1
CONFIGURATION
REGISTER
CONFIGURATION
REGISTER
GND
8
RESET
IRQ
12
PROGRAMMABLE
POWER
SEQUENCING


Similar Part No. - SMS44

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SMS44U256M3C CDE-SMS44U256M3C Datasheet
95Kb / 4P
Type SM Motor-Run and Power Supply Capacitors
6.004
SMS44U306M3C CDE-SMS44U306M3C Datasheet
95Kb / 4P
Type SM Motor-Run and Power Supply Capacitors
6.004
More results

Similar Description - SMS44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544 Datasheet
41Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
Quad-Voltage Microprocessor Supervisory Circuit
logo
Summit Microelectronics...
SMS24 SUMMIT-SMS24 Datasheet
449Kb / 18P
Highly Programmble Voltage Supervisory Circuit
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544_1 Datasheet
149Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
ams AG
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
Supervisory Circuit
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
10/10-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com