Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS48 Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # SMS48
Description  Quad Programmable Precision Supervisory Controller With Independent Resets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS48 Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SMS48 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 16Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
2088 1.1 04/11/05
SMS48
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
Figure 9 - Read and Write Operations
I2C INTERFACE (CONTINUED)
READ OPERATIONS
Read operations are initiated with the R/W bit of the
identification field set to 1. There are two different Read
options: 1. Current Address Byte Read, and 2. Random
Address Byte Read.
Random Address Read
Random address Read operations allow the Master to
access any register location in a random fashion. This
operation involves a two-step process. First, the Master
issues a write command which includes the start condition
and the Slave address field (with the R/W bit set to Write),
followed by the address of the word it is to Read. This
procedure sets the internal address counter of the SMS48
to the desired address. After the word address acknowl-
edge is received by the Master it immediately reissues a
Start condition, followed by another Slave address field
with the R/W bit set to READ. The SMS48 will respond with
an Acknowledge and then transmit the 8 data bits stored at
the addressed location. At this point the Master sets the
SDA line to NACK and generates a Stop condition. The
SMS48 discontinues data transmission and reverts to its
standby power mode.
N
A
C
K
A
C
K
R
/
W
A
C
K
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
S
T
O
P
S
T
A
R
T
Writing Configuration Registers
Master
SDA
Slave
01
10
Master
SDA
Slave
C
7
C
6
C
5
C
4
C
3
C
2
C
1
C
0
A
C
K
R
/
W
A
C
K
S
T
A
R
T
C
7
C
6
C
5
C
4
C
3
C
2
C
1
C
0
Reading the Configuration Register
01
10
A
C
K
R
/
W
S
T
O
P
S
T
A
R
T
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
01
10
B
A
2
B
A
1
X
B
A
2
B
A
1
X
B
A
2
B
A
1
X
Figure 10 - Write Flow Chart
Next
Operation
a Write?
ACK
Returned
Issue
Address
Proceed
With
Write
Await
Next
Command
Issue Stop
Issue Slave
Address and
R/W = 0
Issue Stop
Write Cycle
In Progress
Yes
No
Issue Start
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com