Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS48 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMS48
Description  Quad Programmable Precision Supervisory Controller With Independent Resets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS48 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMS48 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 16Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
SMS48
2088 1.1 04/10/05
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
APPLICATIONS
Figure 11 - Application Schematic
NOTES:
1. C1 is a 0.1µF.
2. Connector J1 is an SMX3200 (see Figure 6).
3. D1 is a 1N4148
SMS48
2
4
6
8
10
1
3
5
7
9
MR#
V0
V1
V2
V3
WLDI
RESET#0
RESET#1
RESET#2
SCL
SDA
A1
A2
GND
1
16
2
3
14
10
9
6
7
11
4
5
13
8
J1
C1
V0
V1
V2
V3
VDD_CAP
12
15
RESET#3
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com