Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4953
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4953 Datasheet HTML 8Page - Infineon Technologies AG TLE4953 Datasheet HTML 9Page - Infineon Technologies AG TLE4953 Datasheet HTML 10Page - Infineon Technologies AG TLE4953 Datasheet HTML 11Page - Infineon Technologies AG TLE4953 Datasheet HTML 12Page - Infineon Technologies AG TLE4953 Datasheet HTML 13Page - Infineon Technologies AG TLE4953 Datasheet HTML 14Page - Infineon Technologies AG TLE4953 Datasheet HTML 15Page - Infineon Technologies AG TLE4953 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TLE4953x
Specifications
Data Sheet
12
Version 4.1, 2018-01-02
3.2
ESD Robustness
Characterized according to Human Body Model (HBM) test in compliance with standard EIA/JESD22-A114-B
HBM (covers MIL STD 883D)
3.3
Operating Range
All parameters specified in the following sections refer to these operating conditions unless otherwise noticed
Note: Within the operating range the functions given in the circuit description are fulfilled.
Table 3-2
ESD Protection
Parameter
Symbol
Values
Unit
Note
min.
max.
ESD-Protection
TLE4953C
TLE4953
VESD
-
-
± 12
± 12
kV
R = 1.5 kΩ,
C = 100 pF
Table 3-3
Operating Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ. Max.
Supply voltage
VCC
4.5
20
V
Directly on the IC leads excludes
the RM voltage drop
Supply voltage
VCC
4.0
4.5
V
Directly on the IC leads excludes
the RM voltage drop
1)
1) Reduced performance possible for jitter/phase accuracy and power supply rejection ratio (EMC). Current levels will typically
decrease but will be within specification limits. This voltage range is not recommended for continuos operation and should
cover the function during short voltage drops which may occur at cranking of engine / test pulse 4.
Supply voltage ripple
VAC
-6
Vpp
VCC = 13 V
0 ≤ f ≤ 50 kHz
Jjunction temperature
Tj
or
-10
150
°C
170
°C
500h VCC ≤ 16.5 V2)
2) Increased jitter and reduced phase accuracy permissible between 150 and 170°C junction temperature.
Pre-induction
B0
-500
+500
mT
Pre-induction offset
between outer probes
∆Bstat., l/r
-20
+20
mT
L-R
Pre-induction offset
between mean of outer
probes and center probe
∆Bstat., m/o
-20
20
mT
(L+R)/2-C
Differential
∆B
-120
+120
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com