Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4953
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4953 Datasheet HTML 11Page - Infineon Technologies AG TLE4953 Datasheet HTML 12Page - Infineon Technologies AG TLE4953 Datasheet HTML 13Page - Infineon Technologies AG TLE4953 Datasheet HTML 14Page - Infineon Technologies AG TLE4953 Datasheet HTML 15Page - Infineon Technologies AG TLE4953 Datasheet HTML 16Page - Infineon Technologies AG TLE4953 Datasheet HTML 17Page - Infineon Technologies AG TLE4953 Datasheet HTML 18Page - Infineon Technologies AG TLE4953 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
TLE4953x
Specifications
Data Sheet
15
Version 4.1, 2018-01-02
Figure 3-1 Definition of PWM Current Interface
Figure 3-2 Definition of Rise and Fall Time
Table 3-5
Timing Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Pre-low length
tpre-low
24
30
36
μs
Speed signal
tS
24
30
36
μs
Length of DR-L pulse
tDR-L
50
60
70
μs
Length of DR-R pulse
tDR-R
102
120
138
μs
Output of DR-L/R pulse,
maximum frequency
From low - high frequency
From high - low frequency
fDR,max
935
850
1100
1000
1265
1150
Hz
Internal
hysteresis of
direction signal1)
1) Not possible overlap, 10% difference verified by design/characterization. Frequencies not subject to production test
verified by design/characterization
Internal
Sensor
speed Signal
Transferred
Signal:
S
Transferred
Signal:
DR-L
Transferred
Signal:
DR-R
tDR-L = 2x ts
tDR-R = 4x ts
tpre-low= 30 µs
ts = 30 µs
Xn + 1
Xn + 2
Xn
IHigh
ILow
I
t
t1
tr
tf
90%
50%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com