Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150FE Datasheet(PDF) 12 Page - Ampleon Netherlands B.V.

Part # ART150FE
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150FE Datasheet(HTML) 12 Page - Ampleon Netherlands B.V.

Back Button ART150FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 9Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 10Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 11Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 12Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 13Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 14Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 15Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 16Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ART150FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 4 January 2021
12 of 17
ART150FE
Power LDMOS transistor
VDS = 65 V; f = 108 MHz.
(1) IDq = 20 mA
(2) IDq = 50 mA
(3) IDq = 100 mA
(4) IDq = 200 mA
(5) IDq = 300 mA
(6) IDq = 400 mA
(7) IDq = 500 mA
VDS = 65 V; f = 108 MHz.
(1) IDq = 20 mA
(2) IDq = 50 mA
(3) IDq = 100 mA
(4) IDq = 200 mA
(5) IDq = 300 mA
(6) IDq = 400 mA
(7) IDq = 500 mA
Fig 15. Power gain as a function of output power;
typical values
Fig 16. Drain efficiency as a function of output power;
typical values
amp01577
0
40
80
120
160
200
25
27
29
31
33
35
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(7)
(7)
(7)
(6)
(6)
(6)
(5)
(5)
(5)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp01578
0
40
80
120
160
200
0
20
40
60
80
100
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
(7)
(7)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com