Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150FE Datasheet(PDF) 17 Page - Ampleon Netherlands B.V.

Part # ART150FE
Description  Power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150FE Datasheet(HTML) 17 Page - Ampleon Netherlands B.V.

Back Button ART150FE Datasheet HTML 9Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 10Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 11Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 12Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 13Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 14Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 15Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 16Page - Ampleon Netherlands B.V. ART150FE Datasheet HTML 17Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
ART150FE
Power LDMOS transistor
© Ampleon Netherlands B.V. 2021.
All rights reserved.
For more information, please visit: http://www.ampleon.com
For sales office addresses, please visit: http://www.ampleon.com/sales
Date of release: 4 January 2021
Document identifier: ART150FE
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
15. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Thermal characteristics . . . . . . . . . . . . . . . . . . 3
6
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4
7
Application information. . . . . . . . . . . . . . . . . . . 5
7.1
Application circuit f = 64 MHz . . . . . . . . . . . . . . 5
7.2
Application circuit f = 128 MHz . . . . . . . . . . . . . 7
8
Test information . . . . . . . . . . . . . . . . . . . . . . . . . 8
8.1
Ruggedness in class-AB operation . . . . . . . . . 8
8.2
Impedance information . . . . . . . . . . . . . . . . . . . 8
8.3
Test circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
8.4
Graphical data . . . . . . . . . . . . . . . . . . . . . . . . 10
8.4.1
1-Tone CW . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 13
10
Handling information. . . . . . . . . . . . . . . . . . . . 14
11
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 14
12
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 14
13
Legal information. . . . . . . . . . . . . . . . . . . . . . . 15
13.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 15
13.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
13.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
13.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 16
14
Contact information. . . . . . . . . . . . . . . . . . . . . 16
15
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com