Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART35FE Datasheet(PDF) 9 Page - Ampleon Netherlands B.V.

Part # ART35FE
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART35FE Datasheet(HTML) 9 Page - Ampleon Netherlands B.V.

Back Button ART35FE Datasheet HTML 5Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 6Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 9Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 10Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 11Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 12Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 13Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ART35FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 December 2020
9 of 19
ART35FE
Power LDMOS transistor
7.3 Application circuit f = 81 MHz to 108 MHz
Printed-Circuit Board (PCB): Rogers RO4350 double sided;
r = 3.48 F/m; thickness = 0.762 mm;
thickness copper = 35
m.
See Table 11 for a list of components.
Fig 9.
Component layout
Table 11.
List of components
For test circuit see Figure 9.
Component
Description
Value
Remarks
C1, C5, C6
multilayer ceramic chip capacitor
100 nF, 100 V
C2
multilayer ceramic chip capacitor
56 pF
ATC 800B
C3
electrolytic capacitor
47
F
C4. C7
electrolytic capacitor
4.7
F, 100 V
C8
multilayer ceramic chip capacitor
220
F, 100 V
C10
multilayer ceramic chip capacitor
1000 pF
ATC 800B
R1
chip resistor
5.1 k
SMD 1206
L1
air core inductor
100 nH
1812SMS
L2
air core inductor
90 nH
2222SQ
50 mm
60 mm
50 mm
amp01538
C1
C3
C4
C5
R1
L2
C6
C7
C10
L1
C2
C8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com