Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART35FE Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # ART35FE
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART35FE Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button ART35FE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 9Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 10Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 11Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 12Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 13Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 14Page - Ampleon Netherlands B.V. ART35FE Datasheet HTML 15Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ART35FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 December 2020
11 of 19
ART35FE
Power LDMOS transistor
8.3 Test circuit
Printed-Circuit Board (PCB): Rogers RO4350B;
r = 3.48 F/m; thickness = 0.762 mm.
See Table 13 for a list of components.
Fig 13. Component layout
Table 13.
List of components
For test circuit see Figure 13.
Component
Description
Value
Remarks
C1, C5, C8
multilayer ceramic chip capacitor
1 nF
ATC100 B
C2
multilayer ceramic chip capacitor
62 pF
ATC100 B
C3, C7
multilayer ceramic chip capacitor
4.7
F, 100 V
GRM31CC72A475KE11L
C4, C6
multilayer ceramic chip capacitor
0.1
F, 100 V
GRM188R72A104KA35D
C9
electrolytic capacitor
470
F, 100 V
R1
resistor
5 k
SMD 1206
R2
resistor
0
SMD 1206
R3
shunt resistor
0.01
Ohmite: FC4L110R010FER
L1
wirewound ceramic chip inductor
82 nH
1206CS
L2
air core inductor
90 nH
2222SQ
L3
air core inductor
100 nH
1812SMS
C1
C2
C3
C4
R2
R1
L1
L2
C5
L3
C6
C7
C8
R3
106 mm
60 mm
amp01524
C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com