Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART35FEU Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # ART35FEU
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART35FEU Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  ART35FEU Datasheet HTML 1Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 2Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 3Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 4Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ART35FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 December 2020
5 of 19
ART35FE
Power LDMOS transistor
7.
Application information
7.1 Application circuit f = 10 MHz to 54 MHz
Printed-Circuit Board (PCB): Rogers RO4350;
r = 3.48 F/m; thickness = 0.762 mm; thickness
copper = 35
m.
See Table 9 for a list of components.
Fig 3.
Component layout
Table 9.
List of components
For test circuit see Figure 3.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor
2
 910 pF
ATC 800B
C2
multilayer ceramic chip capacitor
2
 620 pF
ATC 800B
C3
electrolytic capacitor
47
F
C4, C9
multilayer ceramic chip capacitor
4.7
F, 100 V
C5, C6, C8, C11
multilayer ceramic chip capacitor
100 nF, 100 V
C7
multilayer ceramic chip capacitor
30 pF
ATC 800A
C10
electrolytic capacitor
220
F, 100 V
C12
multilayer ceramic chip capacitor
24 pF
ATC 800B
R1, R2
chip resistor
2.4
SMD 1206
R3
chip resistor
43
SMD 1206
R4
chip resistor
5.1 k
SMD 1206
L1
chip inductor
270 nH
1206CS
L2
chip inductor
68 nH
1206CS
L3
toroid inductor
18 turns, D = 5 mm
0.8 mm copper wire,
Ferrite: FT-50-43
L4
air core inductor
68 nH
1812SMS
L5
air core inductor
22 nH
1812SMS
50 mm
60 mm
C6
L2
C3
C4
C5 R4
C7
L3
C8
C9
C10
C11
L4
C12
C1 C2
R1
R2
L1 R3
L5
50 mm
amp01532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com