Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART35FEU Datasheet(PDF) 14 Page - Ampleon Netherlands B.V.

Part # ART35FEU
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART35FEU Datasheet(HTML) 14 Page - Ampleon Netherlands B.V.

Back Button ART35FEU Datasheet HTML 10Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 11Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 12Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 13Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 14Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 15Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 16Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 17Page - Ampleon Netherlands B.V. ART35FEU Datasheet HTML 18Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ART35FE
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 7 December 2020
14 of 19
ART35FE
Power LDMOS transistor
VDS = 65 V; f = 108 MHz.
(1) IDq = 10 mA
(2) IDq = 20 mA
(3) IDq = 50 mA
(4) IDq = 100 mA
(5) IDq = 150 mA
(6) IDq = 200 mA
VDS = 65 V; f = 108 MHz.
(1) IDq = 10 mA
(2) IDq = 20 mA
(3) IDq = 50 mA
(4) IDq = 100 mA
(5) IDq = 150 mA
(6) IDq = 200 mA
Fig 18. Power gain as a function of output power;
typical values
Fig 19. Drain efficiency as a function of output power;
typical values
amp01529
0
10
20
30
40
50
60
24
26
28
30
32
34
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(6)
(6)
(6)
(5)
(5)
(5)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp01530
0
10
20
30
40
50
60
20
30
40
50
60
70
80
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com