Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF574 Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # BLF574
Description  HF / VHF power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF574 Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button BLF574 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 15Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
BLF574
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 1 December 2016
11 of 19
BLF574
HF / VHF power LDMOS transistor
8.2 RF performance
The following figures are measured in a class-AB production test circuit.
8.2.1 1-Tone CW
VDS = 50 V; IDq = 1000 mA; f = 225 MHz.
VDS = 50 V; f = 225 MHz.
(1) IDq = 400 mA
(2) IDq = 600 mA
(3) IDq = 800 mA
(4) IDq = 1000 mA
(5) IDq = 1200 mA
(6) IDq = 1400 mA
(7) IDq = 1800 mA
Fig 10. Power gain and drain efficiency as functions
of load power; typical values
Fig 11. Power gain as function of load power; typical
values
PL (W)
0
500
400
200
300
100
001aaj134
26
24
28
30
Gp
(dB)
22
40
20
60
80
0
ηD
(%)
Gp
ηD
PL (W)
0
500
400
200
300
100
001aaj135
26
24
28
30
Gp
(dB)
22
(7)
(6)
(5)
(4)
(3)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com