Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF574 Datasheet(PDF) 15 Page - Ampleon Netherlands B.V.

Part # BLF574
Description  HF / VHF power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF574 Datasheet(HTML) 15 Page - Ampleon Netherlands B.V.

Back Button BLF574 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 15Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 16Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 17Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 18Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 19Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
BLF574
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 1 December 2016
15 of 19
BLF574
HF / VHF power LDMOS transistor
9. Package outline
Fig 17. Package outline SOT539A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT539A
12-05-02
10-02-02
0
5
10 mm
scale
p
A
F
b
e
D
U2
L
H
Q
c
5
12
4
3
D1
E
A
w1
AB
M
M
M
q
U1
H1
C
B
M
M
w2
C
E1
M
w3
UNIT
A
mm
D
b
11.81
11.56
0.18
0.10
31.55
30.94
13.72
9.53
9.27
17.12
16.10
10.29
10.03
4.7
4.2
c
e
U2
0.25
0.25
0.51
w3
35.56
qw2
w1
F
1.75
1.50
U1
41.28
41.02
H1
25.53
25.27
p
3.30
3.05
Q
2.26
2.01
EE1
9.50
9.30
inches
0.465
0.455
0.007
0.004
1.242
1.218
D1
31.52
30.96
1.241
1.219
0.540
0.375
0.365
0.674
0.634
0.405
0.395
0.185
0.165
0.010
0.010 0.020
1.400
0.069
0.059
1.625
1.615
1.005
0.995
0.130
0.120
0.089
0.079
0.374
0.366
H
3.48
2.97
0.137
0.117
L
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
Flanged balanced ceramic package; 2 mounting holes; 4 leads
SOT539A
Note
1. millimeter dimensions are derived from the original inch dimensions.
2. recommended screw pitch dimension of 1.52 inch (38.6 mm) based on M3 screw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com