Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF644P Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF644P
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF644P Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF644P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1. Product profile
1.1 General description
A 70 W LDMOS RF power transistor for broadcast transmitter, communications and
industrial applications. The transistor is suitable for the frequency range HF to 1300 MHz.
The excellent ruggedness and broadband performance of this device makes it ideal for
digital applications.
1.2 Features and benefits
Integrated ESD protection
Excellent ruggedness
High power gain
High efficiency
Excellent reliability
Easy power control
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Communication transmitter applications in the HF to 1300 MHz frequency range
Industrial applications in the HF to 1300 MHz frequency range
Broadcast transmitters
BLF644P
Broadband power LDMOS transistor
Rev. 3 — 1 September 2015
Product data sheet
Table 1.
Typical performance
RF performance at Tcase = 25 C in a common source test circuit.
Test signal
f
VDS
PL
Gp
D
IMD
(MHz)
(V)
(W)
(dB)
(%)
(dBc)
CW, class-A
860
32
100
23
65
-
CW pulsed, class-AB
860
32
100
23.5
66
-
2-tone, class-AB
860
32
45
23
50
25
860
32
30
24
40
35


Similar Part No. - BLF644P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF644P PHILIPS-BLF644P_15 Datasheet
166Kb / 12P
Broadband power LDMOS transistor
Rev. 2-27 June 2014
More results

Similar Description - BLF644P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF645 NXP-BLF645 Datasheet
173Kb / 13P
Broadband power LDMOS transistor
Rev. 01-27 January 2010
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF640 PHILIPS-BLF640_15 Datasheet
195Kb / 12P
Broadband power LDMOS transistor
Rev. 2-11 April 2013
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF644P PHILIPS-BLF644P_15 Datasheet
166Kb / 12P
Broadband power LDMOS transistor
Rev. 2-27 June 2014
BLF647P PHILIPS-BLF647P_15 Datasheet
174Kb / 14P
Broadband power LDMOS transistor
Rev. 2-12 April 2013
logo
Ampleon Netherlands B.V...
BLF642 AMPLEON-BLF642 Datasheet
1Mb / 12P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
BLF647P AMPLEON-BLF647P Datasheet
1Mb / 14P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com