Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF644P Datasheet(PDF) 2 Page - Ampleon Netherlands B.V.

Part # BLF644P
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF644P Datasheet(HTML) 2 Page - Ampleon Netherlands B.V.

  BLF644P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF644P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BLF644P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
2 of 12
BLF644P
Broadband power LDMOS transistor
2. Pinning information
[1]
Connected to flange.
3. Ordering information
4. Limiting values
[1]
Continuous use at maximum temperature will affect the reliability, for details refer to the on-line MTF
calculator.
5. Thermal characteristics
[1]
Rth(j-c) is measured under RF conditions.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1drain1
2drain2
3gate1
4gate2
5source
[1]
3
4
5
12
1
5
2
3
4
aaa-005775
Table 3.
Ordering information
Type number
Package
Name Description
Version
BLF644P
-
flanged LDMOST ceramic package; 2 mounting holes;
4 leads
SOT1228A
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
0.5
+11
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[1] -225
C
Table 5.
Thermal characteristics
Symbol Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase = 80 C; PL = 90 W
[1] 0.75
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com