Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78TXXAL-TQ3-D-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78TXXAL-TQ3-D-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXAL-TQ3-D-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78TXXAL-TQ3-D-R Datasheet HTML 1Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 2Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 3Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 4Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 5Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 6Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 7Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
78TXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R101-011,F
ELECTRICAL CHARACTERISTICS(Cont.)
FOR 78T05A (VIN=10V, IOUT=0.5A, TJ= 0°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA - 1.0A
4.80
5.0
5.20
V
Output Voltage
VOUT
VIN=7.5V~20V,IOUT=5mA-1.0A, PD
15W
≦
4.75
5.25
V
TJ=25°C, IOUT=5mA-1.0A
50
mV
Load Regulation
∆V
OUT
TJ=25°C, IOUT=0.25A-0.75A
25
mV
VIN=7V~25V, TJ=25°C
50
mV
Line regulation
∆V
OUT
VIN=7.5V~20V, TJ=25°C, IOUT=1.0A
50
mV
Quiescent Current
IQ
TJ=25°C, IOUT
1.0A
≦
8.0
mA
VIN=7.5V~20V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
40
µV
Temperature coefficient of Vo
∆Vo/∆T
IOUT=5mA
-0.6
mV/
°C
Ripple Rejection
RR
VIN=8V-18V, f=120Hz, TJ=25°C
62
80
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T06A (VIN=11V, IOUT=0.5A, TJ= 0°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA-1.0A
5.76
6.0
6.24
V
Output Voltage
VOUT
VIN=8.5V~21V,IOUT=5mA-1.0A, PD
15W
≦
5.70
6.30
V
TJ=25°C, IOUT=5mA-1.0A
60
mV
Load Regulation
∆V
OUT
TJ=25°C, IOUT=0.25A-0.75A
30
mV
VIN=8V~25V, TJ=25°C
60
mV
Line regulation
∆V
OUT
VIN=8.5V~21V, TJ=25°C, IOUT=1.0A
60
mV
Quiescent Current
IQ
TJ=25°C, IOUT
1.0A
≦
8.0
mA
VIN=8.5V~21V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
45
µV
Temperature coefficient of Vo
∆Vo/∆T
IOUT=5mA
-0.7
mV/
°C
Ripple Rejection
RR
VIN=9V-19V, f=120Hz, TJ=25°C
59
75
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T07A (VIN=13V, IOUT=0.5A, TJ= 0°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA-1.0A
6.72
7.0
7.28
V
Output Voltage
VOUT
VIN=9.5V~22V,IOUT=5mA-1.0A,PD
15W
≦
6.65
7.35
V
TJ=25°C, IOUT=5mA-1.0A
70
mV
Load Regulation
∆V
OUT
TJ=25°C, IOUT=0.25A-0.75A
35
mV
VIN=9V~25V, TJ=25°C
70
mV
Line regulation
∆V
OUT
VIN=9.5V~22V, TJ=25°C, IOUT=1.0A
70
mV
Quiescent Current
IQ
TJ=25°C, IOUT
1.0A
≦
8.0
mA
VIN=9.5V~22V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
50
µV
Temperature coefficient of Vo
∆Vo/∆T
IOUT=5mA
-0.8
mV/
°C
Ripple Rejection
RR
VIN=10V-20V, f=120Hz, TJ=25°C
59
75
dB
Peak Output Current
IPEAK
TJ=25°C
1.7
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com