Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78TXXAL-TQ3-D-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78TXXAL-TQ3-D-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXAL-TQ3-D-R Datasheet(HTML) 6 Page - Unisonic Technologies

  78TXXAL-TQ3-D-R Datasheet HTML 1Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 2Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 3Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 4Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 5Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 6Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 7Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
78TXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R101-011,F
ELECTRICAL CHARACTERISTICS(Cont.)
FOR 78T12A (VIN=19V, IOUT=0.5A, TJ= 0°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA-1.0A
11.52
12.0
12.48
V
Output Voltage
VOUT
VIN=14.5V~27V,IOUT=5mA-1.0A,PD
15W
≦
11.40
12.60
V
TJ=25°C, IOUT=5mA-1.0A
120
mV
Load Regulation
∆V
OUT
TJ=25°C, IOUT=0.25A-0.75A
60
mV
VIN=14.5V~30V, TJ=25°C
120
mV
Line regulation
∆V
OUT
VIN=14.6V~27V, TJ=25°C, IOUT=1.0A
120
mV
Quiescent Current
IQ
TJ=25°C, IOUT
1.0A
≦
8.0
mA
VIN=14.5V~30V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
75
µV
Temperature coefficient of Vo
∆Vo/∆T
IOUT=5mA
-1.5
mV/
°C
Ripple Rejection
RR
VIN=15V-25V, f=120Hz, TJ=25°C
55
72
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T15A (VIN=23V, IOUT=0.5A, TJ= 0°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA-1.0A
14.40
15.0
15.60
V
Output Voltage
VOUT
VIN=17.5V~30V,IOUT=5mA-1.0A,PD
15W
≦
14.25
15.75
V
TJ=25°C, IOUT=5mA-1.0A
150
mV
Load Regulation
∆V
OUT
TJ=25°C, IOUT=0.25A-0.75A
75
mV
VIN=18.5V~30V, TJ=25°C
150
mV
Line regulation
∆V
OUT
VIN=17.7V~30V, TJ=25°C, IOUT=1.0A
150
mV
Quiescent Current
IQ
TJ=25°C, IOUT
1.0A
≦
8.0
mA
VIN=17.5V~30V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
90
µV
Temperature coefficient of Vo
∆Vo/∆T
IOUT=5mA
-1.8
mV/
°C
Ripple Rejection
RR
VIN=18.5V~28.5V, f=120Hz, TJ=25°C
54
70
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T18A (VIN=27V, IOUT=0.5A, TJ= 0°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA-1.0A
17.28
18.0
18.72
V
Output Voltage
VOUT
VIN=21V~33V, IOUT=5mA-1.0A, PD
15W
≦
17.10
18.90
V
TJ=25°C, IOUT=5mA-1.0A
180
mV
Load Regulation
∆V
OUT
TJ=25°C, IOUT=0.25A-0.75A
90
mV
VIN=21V~33V, TJ=25°C
180
mV
Line regulation
∆V
OUT
VIN=21V~33V, TJ=25°C, IOUT=1.0A
180
mV
Quiescent Current
IQ
TJ=25°C, IOUT
1.0A
≦
8.0
mA
VIN=21.5V~33V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
110
µV
Temperature coefficient of Vo
∆Vo/∆T
IOUT=5mA
-2.2
mV/
°C
Ripple Rejection
RR
VIN=22V-32V, f=120Hz, TJ=25°C
53
69
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com