Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXXL-T92-B-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 78LXXL-T92-B-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXL-T92-B-R Datasheet(HTML) 7 Page - Unisonic Technologies

  78LXXL-T92-B-R Datasheet HTML 1Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 2Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 3Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 4Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 5Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 6Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 7Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R101-001,AG
TYPICAL CHARACTERISTICS
Fig.1 Ambient temperature vs. Power
dissipation
Fig.2 UTC78L05 Output Voltage
vs.Ambient temperature
25
50
75
100
400
500
600
700
Ambient Temperature(℃)
Ambient Temperature(℃)
-50
0
50
100
4.8
4.9
5.0
5.1
5.2
TO-92
SOT-89
300
SOP-8
Fig.3 UTC78L12 Output Voltage vs. Ambient
temperature
Ambient Temperature(℃)
-50
0
50
100
11.7
Fig.4 Output Characteristics
(Ip=0mA,TJ=25℃)
11.8
11.9
12.0
12.1
Input Voltage(V)
0
1020
3040
0
10
5
15
20
25
UTC78L24
UTC78L12
UTC78L05
Fig.6 Short Circuit output current
(TJ=25℃)
Fig.5 UTC78L05 Dropout Characteristics
(TJ=25℃)
5
4.1
4.5
Input Voltage(V)
6.0
6.5
7.0
input-outputVoltage difference(V)
010
20
30
40
100
200
300
400
500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com