Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78LXXL-T92-B-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78LXXL-T92-B-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXXL-T92-B-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78LXXL-T92-B-R Datasheet HTML 1Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 2Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 3Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 4Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 5Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 6Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 7Page - Unisonic Technologies 78LXXL-T92-B-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78LXX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R101-001,G
3-TERMINAL 0.1A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78LXX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 100mA.
FEATURES
*Output current up to 100mA
*Fixed output voltage of 5V, 6V, 8V, 9V, 12V, 15V, 18V and 24V
available
*Thermal overload shutdown protection
*Short circuit current limiting
TO-92
1
SOP-8
SOT-89
1
* Pb-free plating product number: 78LXXL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
1 2 3 4 5 6 7 8
Package
Packing
78Lxx-AB3-B-R
78LxxL-AB3-B-R
O G I
-
-
-
-
-
SOT-89
Tape Reel
78Lxx-S08-0-R
78LxxL-S08-0-R
OG G N N G G I
SOP-8
Tape Reel
78Lxx-S08-0-T
78LxxL-S08-0-T
O G G N N G G I
SOP-8
Tube
78Lxx-T92-B-B
78LxxL-T92-B-B
O G I
-
--
--
TO-92
Tape Box
78Lxx-T92-B-K
78LxxL-T92-B-K
O G I
-
--
--
TO-92
Bulk
78Lxx-T92-B-R
78LxxL-T92-B-R
O G I
-
--
--
TO-92
Tape Reel
Note: 1. xx: Output Voltage, refer to Marking Information.
2.O: Output G: GND I: Input N: No Connection
78LxxL- AB3- B-R
(1)Packing Type
(3)Package Type
(4)Lead Plating
(5)Output Voltage Code
(2)Pin Assignment
(1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube
(2) refer to Pin Assignment
(3) AB3: SOT-89, S08: SOP-8, T92: TO-92
(5) xx: refer to Marking Information
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 78LXXL-T92-B-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78LXXL-T92-B UTC-78LXXL-T92-B Datasheet
290Kb / 9P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
78LXXL-T92-B UTC-78LXXL-T92-B Datasheet
316Kb / 9P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78LXXL-T92-B-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com