Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3510-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3510-S08-R
Description  CMOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3510-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  3510-S08-R Datasheet HTML 1Page - Unisonic Technologies 3510-S08-R Datasheet HTML 2Page - Unisonic Technologies 3510-S08-R Datasheet HTML 3Page - Unisonic Technologies 3510-S08-R Datasheet HTML 4Page - Unisonic Technologies 3510-S08-R Datasheet HTML 5Page - Unisonic Technologies 3510-S08-R Datasheet HTML 6Page - Unisonic Technologies 3510-S08-R Datasheet HTML 7Page - Unisonic Technologies 3510-S08-R Datasheet HTML 8Page - Unisonic Technologies 3510-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3510
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-048,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
16
V
FPO
16
Output Voltage
PGO
VOUT
8
V
All Other Pins
-0.3 ~ 16
V
DIP-8
1092
Power Dissipation (Ta ≤25°C)
SOP-8
PD
730
mWV
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
2. The device is guaranteed to meet performance specifications within 0
~
℃ +70
operating
temperature range
and assured by design from -20
~
℃ +85 .
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
4
15
V
PSON, VS5, VS33
7
Input Voltage
PGI
VIN
VDD+0.3V
7
V
FPO
15
Output Voltage
PGO
VOUT
7
V
FPO
20
Output Sink Current
PGO
IO(SINK)
10
mA
Supply Voltage Rising Time (See Note)
1
ms
Note: VDD rising and falling slew rate must be less than 14V/ms.
ELECTRICAL CHARACTERISTICS (T
a=25°C ,unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVER-VOLTAGE PROTECTION
VS33
3.7
3.9
4.1
VS5
5.7
6.1
6.5
Over Voltage Threshold
VDD
13.2
13.8
14.4
V
Low-level Output Voltage (FPO)
VOL
VDD =5V, IO(SINK) =20mA
0.7
V
Leakage Current (FPO)
ILEAK
V(FPO) =5V
5
µA
Noise Deglitch Time OVP
VDD =5V
35
73
110
µS
PGI AND PGO
VPGI
1.1
1.15
1.2
Input threshold Voltage
PGI
VPG2
0.9
0.95
1
V
VS33
2
2.2
2.4
Under Voltage Threshold
VS5
VIT
3.3
3.5
3.7
V
Low-level Output Voltage (PGO)
VOL
VDD =4V, IO(SINK) =10 mA
0.4
V
Leakage Current (PGO)
ILEAK
PGO = 5 V
5
µA
Short-Circuit Protection Delay
3.3V, 5V
49
75
114
ms
200
300
450
Transient Delay time
PGI to PGO
PGI to FPO
tDLY1
VDD = 5 V
3.2
4.8
7.2
ms
88
150
225
180
296
445
Noise Deglitch Time
PGI to PGO
PGI to FPO
UVP to FPO
VDD = 5 V
82
146
220
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com