Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3510-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3510-S08-R
Description  CMOS IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3510-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3510-S08-R Datasheet HTML 1Page - Unisonic Technologies 3510-S08-R Datasheet HTML 2Page - Unisonic Technologies 3510-S08-R Datasheet HTML 3Page - Unisonic Technologies 3510-S08-R Datasheet HTML 4Page - Unisonic Technologies 3510-S08-R Datasheet HTML 5Page - Unisonic Technologies 3510-S08-R Datasheet HTML 6Page - Unisonic Technologies 3510-S08-R Datasheet HTML 7Page - Unisonic Technologies 3510-S08-R Datasheet HTML 8Page - Unisonic Technologies 3510-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3510
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-048,B
PC POWER SUPPLY
SUPERVISORS
DESCRIPTION
The UTC 3510 is designed to provide protection circuits, power
good output (PGO) indicator, fault protection output (FPO) and a
PSON control for PC switching power supply systems.
The protection circuits include over voltage protection (OVP)
monitoring for 3.3V, 5V and 12V (12V via VDD pin) and under voltage
protection(UVP) monitoring for 3.3V and 5V. When an OV or UV event
arose and is detected, the power good output (PGO) goes low and the
FPO will be set to high. The protection latch can be reset by setting
PSON to high. UVP function is enabled 75ms after PSON is set low
and de-bounced. Besides, there is a 2.3ms delay with 38ms
de-bounce at turn off but no delay during turn on.
When OVP and UVP detected the right voltage level, a PGO signal
will be issued.
FEATURES
* Over Voltage Protection and Lock Out for 3V, 5V and 12V.
* Under Voltage Protection and Lock Out for 3.3V and 5V.
* Open Drain Output for PGO and FPO pin.
* 300ms delay for PGO.
* 75ms delay for 3.3V and 5V short-circuit turn-on protection.
* 2.3ms PSON control to FPO turn-off delay.
* 38ms PSON control de-bounce.
* 73us width noise deglitches.
* Wide supply voltage range from 4V ~15V.
DIP - 8
SOP-8
*Pb - free plating product number: 3510L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
3510-D08-T
3510L-D08-T
DIP-8
Tube
3510-S08-R
3510L-S08-R
SOP-8
Tape Reel
3510-S08-T
3510L-S08-T
SOP-8
Tube
3510L- D08-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 3510-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510-S08-R UTC-3510-S08-R Datasheet
112Kb / 9P
PC POWER SUPPLY SUPERVISORS
More results

Similar Description - 3510-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com