Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M8L140 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF2425M8L140
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M8L140 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF2425M8L140 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BLF2425M8L140_2425M8LS140#2
All information provided in this document is subject to legal disclaimers.
© Ampleon B.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 1 September 2015
4 of 11
BLF2425M8L(S)140
Power LDMOS transistor
7.3 Circuit information
Fig 1.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate
Printed-Circuit Board (PCB): Rogers 4350B;
r = 3.5; thickness = 0.508 mm;
thickness copper plating = 35
m.
See Table 9 for a list of components.
Fig 2.
Component layout for application circuit
Table 9.
List of components
For test circuit see Figure 2.
Component
Description
Value
Remarks
C1, C4, C5
multilayer ceramic chip capacitor
15 pF
ATC100B
C2, C6
multilayer ceramic chip capacitor
10
F, 50 V
Murata
C3
multilayer ceramic chip capacitor
100 nF
Murata
C7
multilayer ceramic chip capacitor
62 pF
ATC100B
C8
electrolytic capacitor
22
F, 63 V
R1
resistor
10
SMD 0805; Bourns
aaa-003079
C1
C2
C3
C4
C5
C7
R1
C8
C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com