Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M8L140 Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF2425M8L140
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M8L140 Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF2425M8L140 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M8L140 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1. Product profile
1.1 General description
140 W LDMOS power transistor for Industrial, Scientific and Medical (ISM) applications at
frequencies from 2400 MHz to 2500 MHz.
The BLF2425M8L140 and BLF2425M8LS140 are designed for high-power CW
applications and are assembled in high performance ceramic packages, available in
eared and earless versions
1.2 Features and benefits
High efficiency
High power gain
Excellent ruggedness
Excellent thermal stability
Integrated ESD protection
Designed for broadband operation (2400 MHz to 2500 MHz)
Internally matched
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Industrial, scientific and medical applications in the frequency range from 2400 MHz to
2500 MHz
BLF2425M8L140;
BLF2425M8LS140
Power LDMOS transistor
Rev. 2 — 1 September 2015
Product data sheet
Table 1.
Typical performance
Typical RF performance at Tcase = 25 C; IDq = 1300 mA in a common source class-AB production
test circuit.
Test signal
f
VDS
PL(AV)
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW
2450
28
140
19
56


Similar Part No. - BLF2425M8L140

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2425M6L(S)180P NXP-BLF2425M6L(S)180P Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF2425M6L180P PHILIPS-BLF2425M6L180P_15 Datasheet
337Kb / 12P
Power LDMOS transistor
Rev. 3-12 July 2013
BLF2425M7L(S)140 NXP-BLF2425M7L(S)140 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF2425M7L(S)200 NXP-BLF2425M7L(S)200 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF2425M7L(S)250P NXP-BLF2425M7L(S)250P Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BLF2425M8L140

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com