Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF888AS Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF888AS
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF888AS Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF888AS Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BLF888A_BLF888AS#6
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 6 — 1 September 2015
3 of 17
BLF888A; BLF888AS
UHF power LDMOS transistor
4. Limiting values
[1]
Continuous use at maximum temperature will affect the reliability, for details refer to the on-line MTF
calculator.
5. Thermal characteristics
[1]
Rth(j-c) is measured under RF conditions.
6. Characteristics
[1]
ID is the drain current.
[2]
Capacitance values without internal matching.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
110
V
VGS
gate-source voltage
0.5
+11
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[1]
-
225
C
Table 5.
Thermal characteristics
Symbol Parameter
Conditions
Typ Unit
Rth(j-c)
thermal resistance from junction to case Tcase =80 C; PL(AV) =125 W [1] 0.15 K/W
Table 6.
DC characteristics
Tj =25 C; per section unless otherwise specified.
Symbol Parameter
Conditions
Min Typ Max Unit
V(BR)DSS drain-source breakdown voltage VGS =0 V; ID = 2.4 mA
[1] 110 -
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 240 mA [1] 1.4 1.9 2.4
V
IDSS
drain leakage current
VGS =0 V; VDS =50V
-
-
2.8
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10 V
-36
-
A
IGSS
gate leakage current
VGS =10 V; VDS = 0 V
-
-
280 nA
RDS(on)
drain-source on-state resistance VGS =VGS(th) +3.75 V;
ID =8.5 A
[1] -143 -
m
Ciss
input capacitance
VGS = 0 V; VDS =50V;
f= 1MHz
[2] -220 -
pF
Coss
output capacitance
VGS = 0 V; VDS =50V;
f= 1MHz
-74
-
pF
Crss
reverse transfer capacitance
VGS = 0 V; VDS =50V;
f= 1MHz
-1.2
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com