Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF888AS Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF888AS
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF888AS Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF888AS Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1. Product profile
1.1 General description
A 600 W LDMOS RF power transistor for broadcast transmitter applications and industrial
applications. The excellent ruggedness of this device makes it ideal for digital and analog
transmitter applications.
[1]
Measured at
 = 10 %; tp = 100 s.
[2]
Measured [dBc] with delta marker at 4.3 MHz from center frequency.
[3]
PAR (of output signal) at 0.01 % probability on CCDF; PAR of input signal = 9.5 dB at 0.01 % probability on CCDF.
1.2 Features and benefits
Excellent ruggedness (VSWR
 40 : 1 through all phases)
Optimum thermal behavior and reliability, Rth(j-c) = 0.15 K/W
Suitable for CW UHF and ISM applications
High power gain
High efficiency
Designed for broadband operation (470 MHz to 860 MHz)
Internal input matching for high gain and optimum broadband operation
Excellent reliability
Easy power control
Compliant to Restriction of Hazardous Substances (RoHS) Directive 2002/95/EC
BLF888A; BLF888AS
UHF power LDMOS transistor
Rev. 6 — 1 September 2015
Product data sheet
Table 1.
Application information
RF performance at VDS = 50 V unless otherwise specified.
Mode of operation
f
PL(AV)
PL(M)
Gp
D
IMD3
IMDshldr
PAR
(MHz)
(W)
(W)
(dB)
(%)
(dBc)
(dBc)
(dB)
RF performance in a common source narrowband test circuit
CW
650
-
600
20
67
-
-
-
CW (42 V)
650
-
500
20
69
-
-
-
2-tone, class-AB
f1 = 860; f2 = 860.1
250
-
21
46
32
-
-
pulsed, class-AB [1]
860
-
600
20
58
-
-
-
DVB-T (8k OFDM)
858
110
-
21
31
-
32 [2]
8.2 [3]
858
125
-
21
32.5
-
30 [2]
8.0 [3]
RF performance in a common source 470 MHz to 860 MHz broadband test circuit
DVB-T (8k OFDM)
858
110
-
20
30
-
32 [2]
8.0 [3]
858
120
-
20
31
-
31 [2]
7.8 [3]


Similar Part No. - BLF888AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF888AS PHILIPS-BLF888AS Datasheet
443Kb / 17P
UHF power LDMOS transistor
Rev. 3-30 August 2011
BLF888AS NXP-BLF888AS Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BLF888AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com