Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55S Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLP5LA55S
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55S Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLP5LA55S Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
Product profile
1.1 General description
This 13.6 V 55 W device is designed for land mobile radio (LMR) applications supporting
the frequency range from HF up to 520 MHz.
1.2 Features and benefits
High efficiency
Integrated dual sided ESD protection
Extreme ruggedness 65 : 1
High power gain
Excellent reliability
Wideband
High linearity
For RoHS compliance see the product details on the Ampleon website
1.3 Applications
TETRA, SSB and LTE mobile radio applications in VHF and UHF bands
Wideband radio application, frequency range from 5 MHz to 30 MHz and from 30 MHz
to 512 MHz
BLP5LA55S
Power LDMOS transistor
Rev. 3 — 16 July 2021
Product data sheet
Table 1.
Application performance
Typical RF performance at Tcase = 25 C; in a class-AB demo circuit.
Test signal
f
IDq
VDS
PL(AV)
Gp
D
RLin
(MHz)
(mA)
(V)
(W)
(dB)
(%)
(dB)
CW
145 to 165
893
15.0
63
>23.0
>66.4
7.8
380 to 450
80
13.6
55
>20.4
>62.3
6.3
520
100
13.6
55
19.6
75.0
15.3


Similar Part No. - BLP5LA55S

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLP5LA55SG AMPLEON-BLP5LA55SG Datasheet
1Mb / 20P
Power LDMOS transistor
Rev. 1 - 7 April 2023
BLP5LA55SGXY AMPLEON-BLP5LA55SGXY Datasheet
1Mb / 20P
Power LDMOS transistor
Rev. 1 - 7 April 2023
BLP5LA55SGZ AMPLEON-BLP5LA55SGZ Datasheet
1Mb / 20P
Power LDMOS transistor
Rev. 1 - 7 April 2023
More results

Similar Description - BLP5LA55S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com