Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55S Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # BLP5LA55S
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55S Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button BLP5LA55S Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 9Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 10Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 11Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 12Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 13Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 14Page - Ampleon Netherlands B.V. BLP5LA55S Datasheet HTML 15Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
BLP5LA55S
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 3 — 16 July 2021
11 of 20
BLP5LA55S
Power LDMOS transistor
2-Tone signal with 100 kHz carrier separation: VDS =15 V; IDq = 893 mA.
(1) f = 145 MHz
(2) f = 150 MHz
(3) f = 155 MHz
(4) f = 160 MHz
(5) f = 165 MHz
Fig 10. Intermodulation distortion as a function of output power; typical values
amp01404
0
10
20
30
40
50
-70
-70
-60
-60
-50
-50
-40
-40
-30
-30
-20
-20
-10
-10
PL (W)
IMD3
IMD3
IMD3
(dBc)
(dBc)
(dBc)
IMD5
IMD5
IMD5
(dBc)
(dBc)
(dBc)
(1)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(2)
(2)
(3)
(3)
(3)
(3)
(3)
(3)
(4)
(4)
(4)
(4)
(4)
(4)
(5)
(5)
(5)
(5)
(5)
(5)
IMD3
IMD3
IMD3
IMD5
IMD5
IMD5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com