Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P60C080 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P60C080
Description  Secure high-performance contact interface smart card controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60C080 Datasheet(HTML) 4 Page - NXP Semiconductors

  P60C080 Datasheet HTML 1Page - NXP Semiconductors P60C080 Datasheet HTML 2Page - NXP Semiconductors P60C080 Datasheet HTML 3Page - NXP Semiconductors P60C080 Datasheet HTML 4Page - NXP Semiconductors P60C080 Datasheet HTML 5Page - NXP Semiconductors P60C080 Datasheet HTML 6Page - NXP Semiconductors P60C080 Datasheet HTML 7Page - NXP Semiconductors P60C080 Datasheet HTML 8Page - NXP Semiconductors P60C080 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SMX2_FAM_P60D080_D144_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 21 October 2010
198210
4 of 12
NXP Semiconductors
P60C080 and P60C144
Secure high-performance contact interface smart card controller
3.2 Security features
Outstanding Glue Logic chip layout approach:
Most efficient and proven protection against reverse engineering
Based on avoidance of any logical layout block recognition
Secure Fetch (Code and Data)
Active and dynamic shielding
Enhanced security sensors:
Low and high clock frequency sensor
Low and high temperature sensor
Low and high supply voltage sensor
Single Fault Injection (SFI) attack detection
Light sensors (included integrated memory light sensor functionality)
Electronic fuses for safeguarded mode control
Clock input filter for protection against spikes
Power-up and power-down reset
Memory security (encryption and physical measures) for RAM, EEPROM and ROM
Memory Management Unit (MMU) including memory protection:
Secure multi application operating systems via two different operation modes:
System mode and User mode
OS controlled access restriction mechanism to peripherals in User mode
Memory mapping up to 8-MB code memory
Memory mapping up to 8-MB data memory
Built-in integral concept for secure code execution covering code fetch, MMU and CPU
Optional disabling of ROM read instructions by code executed in EEPROM
Optional disabling of any code execution out of RAM
Optional Unique ID for each die
Optional programmable card disable feature
EEPROM programming:
Hardware sequencer controlled
Enhanced error correction mechanism
128-B or 264-B EEPROM for customer-defined Security FabKey:
Featuring batch, wafer or die-individual security data
Encrypted diversification features available on request
14 B user write protected security area in EEPROM (byte access, inhibit functionality
per byte)
32 B write once protected security area in EEPROM (bit access)
32 B user read only protected security area in EEPROM (byte access)
Total useable EEPROM for customer OS (including optional FabKey areas)
P60C080: 81408 bytes + above 78 bytes within protected security area
P60C144: 146944 bytes + above 78 bytes within protected security area
Customer specific EEPROM initialization available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com